Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VGJ3P Datasheet(PDF) 96 Page - STMicroelectronics

No. de pieza STM32L4R5VGJ3P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3P Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32L4R5VGJ3P Datasheet HTML 92Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 93Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 94Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 95Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 96Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 97Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 98Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 99Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 306 page
background image
55
K9
K9
77
77
H2
L11
L11
60
81
H10
H2
H2
K10
PD8
I/O
FT
-
USART3_TX,
DCMI_HSYNC,
LCD_R3, FMC_D13,
EVENTOUT
-
56
K8
K8
78
78
H1
L10 L10
61
82
H9
H1
H1
K9
PD9
I/O
FT
-
USART3_RX,
DCMI_PIXCLK,
LCD_R4, FMC_D14,
SAI2_MCLK_A,
EVENTOUT
-
57
J12
J12
79
79
G5
J13
J13
62
83
H8
G5
G5
J10
PD10
I/O
FT
-
USART3_CK,
TSC_G6_IO1,
LCD_R5, FMC_D15,
SAI2_SCK_A,
EVENTOUT
-
-
-----
H13 H13
---
---
VDD
S
-
-
-
-
58
J11
J11
80
80
G4
K12 K12
-
84
G11
G4
G4
J9
PD11
I/O
FT
-
I2C4_SMBA,
USART3_CTS_NSS,
TSC_G6_IO2,
LCD_R6, FMC_A16,
SAI2_SD_A,
LPTIM2_ETR,
EVENTOUT
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More