Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073KCU6 Datasheet(PDF) 50 Page - STMicroelectronics

No. de pieza STM32U073KCU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073KCU6 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32U073KCU6 Datasheet HTML 46Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 47Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 48Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 49Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 50Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 51Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 52Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 53Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 146 page
background image
Table 27. Current consumption in Run and Low-power run modes, code with data processing running from flash memory, ART enabled (cache ON,
prefetch OFF), MSI clock used as system clock
TBD stands for "to be defined".
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
Clock source
Range
fHCLK
25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C
IDD (Run)
Supply current in Run mode
fHCLK = fMSI,peripherals
disabled
Range 1
48 MHz
3.75
3.85
3.95
4.10
4.35
4.15
4.4
4.6
4.8
5.25
mA
32 MHz
2.55
2.65
2.70
2.80
3.00
2.8
2.95
3.1
3.35
3.75
24 MHz
1.95
2.00
2.10
2.20
2.35
2.15
2.25
2.4
2.6
3
16 MHz
1.35
1.40
1.45
1.55
1.70
1.5
1.55
1.7
1.9
2.25
Range 2
16 MHz
1.15
1.15
1.20
1.30
1.45
1.25
1.3
1.45
1.6
1.9
8 MHz
0.610 0.630 0.675 0.745
0.900
0.67 0.715 0.805
0.95
1.275
4 MHz
0.365 0.375 0.415 0.485
0.635
0.4
0.43
0.51
0.655
0.965
2 MHz
0.235 0.255 0.290 0.355
0.505
0.26 0.285 0.365 0.505
0.815
1 MHz
0.175 0.185 0.225 0.290
0.435
0.19 0.215 0.295
0.43
0.74
400 kHz 0.135 0.145 0.180 0.245
0.395 0.145 0.17 0.245
0.38
0.69
100 kHz 0.115 0.125 0.160 0.225
0.375 0.125 0.145 0.225
0.36
0.665
IDD (LPRun)
Supply current in Low-power
run mode
Low-power
run
2 MHz
0.160 0.175 0.215 0.285
0.445
TBD
TBD
TBD
TBD
TBD
1 MHz
0.100 0.100 0.140 0.210
0.375
TBD
TBD
TBD
TBD
TBD
400 kHz 0.045 0.055 0.095 0.165
0.320
TBD
TBD
TBD
TBD
TBD
100 kHz 0.020 0.030 0.070 0.140
0.300
TBD
TBD
TBD
TBD
TBD
1. Evaluated by characterization, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com