| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U073KCU6 Datasheet(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U073KCU6 Datasheet(HTML) 56 Page - STMicroelectronics |
|
56 / 146 page ![]() Table 34. Typical current consumption in Run and Low-power run modes, with different codes running from SRAM1 Symbol Parameter Conditions Typical consumption Typical consumption Typical consumption Clock source Range Code 25 °C, 1.8 V 25 °C, 3.0 V 25 °C, 3.6 V IDD (Run) Supply current in Run mode fHCLK = fMSI, all peripherals disabled Range 1, 48 MHz Coremark 3340 μA 70 μA/ MHz 3480 μA 73 μA/ MHz 3510 μA 73 μA/ MHz Reduced code 3400 71 3540 74 3580 75 Dhrystone 2.1 3310 69 3450 72 3490 73 Fibonacci 3490 73 3630 76 3680 77 While(1) 2690 56 2810 59 2840 59 Range 2, 16 MHz Coremark 1020 64 1060 66 1070 67 Reduced code 1030 64 1070 67 1080 68 Dhrystone 2.1 1010 63 1050 66 1060 66 Fibonacci 1060 66 1100 69 1110 69 While(1) 850 53 880 55 890 56 IDD (LPRun) Supply current in Low-power run mode Low-power run, 2 MHz Coremark 138 69 138 69 138 69 Reduced code 140 70 140 70 140 70 Dhrystone 2.1 140 70 140 70 140 70 Fibonacci 140 70 150 75 150 75 While(1) 110 55 110 55 120 60 Table 35. Current consumption in Sleep and Low-power sleep modes, flash memory ON, HSE clock used as system clock Symbol Parameter Conditions Typ Max Unit Clock source Range fHCLK 25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C IDD (Sleep) Supply current in Run mode fHCLK = fHSE, bypass mode, peripherals disabled Range 1 48 MHz 1.25 1.25 1.30 1.40 1.60 1.4 1.4 1.5 1.7 2.05 mA 32 MHz 0.885 0.900 0.910 1.00 1.20 0.975 1 1.1 1.25 1.6 24 MHz 0.695 0.710 0.755 0.835 1.00 0.765 0.795 0.89 1.05 1.4 16 MHz 0.505 0.520 0.565 0.640 0.810 0.555 0.585 0.68 0.84 1.2 Range 2 16 MHz 0.445 0.455 0.490 0.560 0.710 0.485 0.51 0.59 0.73 1.05 8 MHz 0.275 0.285 0.325 0.390 0.540 0.305 0.325 0.405 0.545 0.85 4 MHz 0.190 0.205 0.245 0.305 0.455 0.21 0.235 0.31 0.445 0.755 2 MHz 0.155 0.160 0.195 0.265 0.410 0.165 0.185 0.26 0.4 0.705 1 MHz 0.130 0.145 0.175 0.240 0.390 0.14 0.165 0.24 0.375 0.68 |