| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U073KCU6 Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U073KCU6 Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 146 page ![]() 3.12 Direct memory access controller (DMA) The direct memory access (DMA) controller is a bus master and system peripheral with single-AHB architecture. With seven channels, it performs data transfers between memory-mapped peripherals and/or memories, to offload the CPU. Each channel is dedicated to managing memory access requests from one or more peripherals. The unit includes an arbiter for handling the priority between DMA requests. Main features of the DMA controller: • Single-AHB master • Peripheral-to-memory, memory-to-peripheral, memory-to-memory and peripheral-to-peripheral data transfers • Access, as source and destination, to on-chip memory-mapped devices such as flash memory, SRAM, and AHB and APB peripherals • All DMA channels independently configurable: – Each channel is associated either with a DMA request signal coming from a peripheral, or with a software trigger in memory-to-memory transfers. This configuration is done by software. – Priority between the requests is programmable by software (four levels per channel: very high, high, medium, low) and by hardware in case of equality (such as request to channel 1 has priority over request to channel 2). – Transfer size of source and destination are independent (byte, half-word, word), emulating packing and unpacking. Source and destination addresses must be aligned on the data size. – Support of transfers from/to peripherals to/from memory with circular buffer management – Programmable number of data to be transferred: 0 to 216 - 1 • Generation of an interrupt request per channel. Each interrupt request originates from any of the three DMA events: transfer complete, half transfer, or transfer error. 3.13 DMA request multiplexer (DMAMUX) The DMAMUX request multiplexer enables routing a DMA request line between the peripherals and the DMA controller. Each channel selects a unique DMA request line, unconditionally or synchronously with events from its DMAMUX synchronization inputs. DMAMUX may also be used as a DMA request generator from programmable events on its input trigger signals. 3.14 Interrupts and events The device flexibly manages events causing interrupts of linear program execution, called exceptions. The Cortex®-M0+ processor core, a nested vectored interrupt controller (NVIC) and an extended interrupt/event controller (EXTI) are the assets contributing to handling the exceptions. Exceptions include core-internal events such as, for example, a division by zero and, core-external events such as logical level changes on physical lines. Exceptions result in interrupting the program flow, executing an interrupt service routine (ISR) then resuming the original program flow. The processor context (contents of program pointer and status registers) is stacked upon program interrupt and unstacked upon program resume, by hardware. This avoids context stacking and unstacking in the interrupt service routines (ISRs) by software, thus saving time, code and power. The ability to abandon and restart load- multiple and store-multiple operations significantly increases the device’s responsiveness in processing exceptions. 3.14.1 Nested vectored interrupt controller (NVIC) The configurable nested vectored interrupt controller is tightly coupled with the core. It handles physical line events associated with a non-maskable interrupt (NMI) and maskable interrupts, and Cortex®-M0+ exceptions. It provides flexible priority management. The tight coupling of the processor core with NVIC significantly reduces the latency between interrupt events and start of corresponding interrupt service routines (ISRs). The ISR vectors are listed in a vector table, stored in the NVIC at a base address. The vector address of an ISR to execute is hardware-built from the vector table base address and the ISR order number used as offset. STM32U073x8/B/C Functional overview DS14548 - Rev 2 page 17/146 |