Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073KCU6 Datasheet(PDF) 68 Page - STMicroelectronics

No. de pieza STM32U073KCU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073KCU6 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32U073KCU6 Datasheet HTML 64Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 65Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 66Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 67Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 68Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 69Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 70Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 71Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 146 page
background image
Peripheral
Range 1
Range 2
Unit
APB
LPTIM2(5)
μA/MHz
1.44
1.21
LPTIM3(4)
2.02
1.67
LPTIM3(5)
2.10
1.75
OPAMP
0.27
0.21
DAC
1.02
0.83
PWR
0.66
0.54
SPI1
1.75
1.45
SPI2
1.74
1.44
SPI3
1.71
1.41
TIM1
0.64
0.54
TIM2
5.36
4.45
TIM3
4.23
3.52
TIM6
0.86
0.71
TIM7
0.86
0.70
TIM15
0.49
0.41
TIM16
2.46
2.05
WWDG
0.38
0.29
SYSCFG
0.32
0.27
USB
3.67
NA
LCD
0.55
0.45
ALL APB bridges
46.0
38.5
1. The BusMatrix is automatically active when at least one master is ON (CPU, DMA).
2. The GPIOx (x= A…F) dynamic current consumption is approximately divided by a factor two versus this table values when
the GPIO port is locked thanks to LCKK and LCKy bits in the GPIOx_LCKR register. In order to save the full GPIOx current
consumption, the GPIOx clock should be disabled in the RCC when all port I/Os are used in alternate function or analog
mode (clock is only required to read or write into GPIO registers, and is not used in AF or analog modes).
3. The AHB to APB1 Bridge is automatically active when at least one peripheral is ON on the APB1.
4. Independent clock domain.
5. Clock domain.
6.3.6
Wake-up time from low-power modes and voltage scaling transition times
The wake-up times given in Table 45 are the latency between the event and the execution of the first user
instruction.
The device goes in low-power mode after the WFE (Wait for event) instruction.
Table 45. Low-power mode wake-up timings
Evaluated by characterization, not tested in production.
Symbol
Parameter
Conditions
Typ Max
Unit
tWUSLEEP Wake-up time from Sleep mode to Run mode
-
6
6
Nb of
CPU
cycles
tWULPSLEEP
Wake-up time from Low-power sleep mode to
Low-power run mode
Wake-up in flash with flash in power-down during low-
power sleep mode (SLEEP_PD = 1 in FLASH_ACR)
and with clock MSI = 2 MHz
6
8.3
tWUSTOP0
Wake up time from Stop 0 mode to Run mode
in flash
Range 1 or range 2
Wake-up clock MSI =
24 MHz
6.3
6.7
µs
Wake-up clock HSI16 =
16 MHz
6.5
6.7
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 68/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com