Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073KCU6 Datasheet(PDF) 77 Page - STMicroelectronics

No. de pieza STM32U073KCU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073KCU6 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32U073KCU6 Datasheet HTML 73Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 74Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 75Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 76Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 77Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 78Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 79Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 80Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 146 page
background image
Figure 21. Typical current consumption versus MSI frequency
High-speed internal 48 MHz (HSI48) RC oscillator
Table 54. HSI48 oscillator characteristics
VDD = 3 V, TA = -40 to 125 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI48
HSI48 Frequency
VDD = 3.0 V, TA = 30 °C
-
48
-
MHz
TRIM
HSI48 user trimming step
-
-
0.11(1)
0.18(1)
%
USER TRIM COVERAGE HSI48 user trimming coverage
±64 steps
±6(2)
±7(2)
-
%
DuCy(HSI48)
Duty Cycle
-
45(1)
-
55(1)
%
ACCHSI48_REL
Accuracy of the HSI48 oscillator over temperature
(factory calibrated)
VDD = 3.0 V to 3.6 V,
TA = -15 to 85 °C
-
-
±3(2)
%
VDD = 1.65 V to 3.6 V,
TA = -40 to 125 °C
-
-
±4.5(2)
DVDD(HSI48)
HSI48 oscillator frequency drift with VDD
VDD = 3 V to 3.6 V
-
0.025(2) 0.05(2)
%
VDD = 1.65 V to 3.6 V
-
0.05(2)
0.1(2)
tsu(HSI48)
HSI48 oscillator start-up time
-
-
2.5(1)
6(1)
μs
IDD(HSI48)
HSI48 oscillator power consumption
-
-
340(1)
380(1)
μA
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 77/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com