Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073KCU6 Datasheet(PDF) 114 Page - STMicroelectronics

No. de pieza STM32U073KCU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073KCU6 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32U073KCU6 Datasheet HTML 110Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 111Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 112Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 113Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 114Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 115Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 116Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 117Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 146 page
background image
7.3
WLCSP42 package information (B0K9)
This WLCSP is a 42-ball, 2.82 x 2.93 mm, 0.40 mm pitch, wafer level chip scale package.
Figure 36. WLCSP42 - Outline
B
A
eS
A2 BALL
LOCATION
SD
(Datum A)
D1
B0K9_WLCSP42_ME_V2
E1
12
11
10
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
eE
BOTTOM VIEW
Detail A
FRONT VIEW
aaa
D
E
TOP VIEW
ccc C
Solder balls
DETAIL A
C
SE
eD
(Datum B)
C
ddd
C
eee
B
A
b (N balls)
C
A
C
(4x)
(Datum A)
(Datum B)
A2 CORNER
bbb C
Seating plane
8
9
8
Seating plane
A2
A1
A3
Silicon
Back side coating
1. Drawing is not to scale
Table 92. WLCSP42 - Mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A(2)
-
-
0.58
-
-
0.0228
A1(3)
-
0.17
-
-
0.0067
-
STM32U073x8/B/C
Package information
DS14548 - Rev 2
page 114/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com