Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073KCU6 Datasheet(PDF) 133 Page - STMicroelectronics

No. de pieza STM32U073KCU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073KCU6 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STM32U073KCU6 Datasheet HTML 129Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 130Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 131Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 132Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 133Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 134Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 135Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 136Page - STMicroelectronics STM32U073KCU6 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 146 page
background image
Figure 50. UFBGA81 - Footprint example
Dsm
Dpad
Table 101. UFBGA81 - Example of PCB design rules (0.50 mm pitch BGA)
Dimension
Values
Pitch
0.50 mm
Dpad
0.250 mm
Dsm
0.300 mm typ. (depends on the soldermask registration
tolerance)
Stencil opening
0.356 mm aperture diameter
Stencil thickness
Between 0.100 mm and 0.125 mm
Pad trace width
0.120 mm
7.10
Package thermal characteristics
The operating junction temperature, TJ, must never exceed the maximum given in Section 6.3.1: General
operating conditions.
The maximum junction temperature in °C that the device can reach if respecting the operating conditions, is:
operating conditions, is:
TJmax=TAmax+ PDmax×ΘJA
where:
•
TAmax is the maximum ambient temperature, in °C.
•
ΘJA is the package junction-to-ambient thermal resistance, in °C/W.
•
PD=PINT+PI/O
–
PINT is the power dissipation contribution from product to IDD and VDD, expressed in Watts.
–
PI/O is the power dissipation contribution from output ports where:
PI/O= VOL×IOL + VDDIOx−VOH ×IOHtakingintoaccounttheactualVOL/IOLand
VOH/IOH of the I/Os at low and high level in the application.
Table 102. Package thermal characteristics
Symbol
Parameter
Package
Value
Unit
ΘJA
Thermal resistance junction-ambient
UFQFPN32
39.9
°C/W
WLCSP42
62.9
LQFP48
53.2
UFQFPN48
29.5
STM32U073x8/B/C
Package information
DS14548 - Rev 2
page 133/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com