Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073CCU6 Datasheet(PDF) 56 Page - STMicroelectronics

No. de pieza STM32U073CCU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073CCU6 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32U073CCU6 Datasheet HTML 52Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 53Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 54Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 55Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 56Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 57Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 58Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 59Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 146 page
background image
Table 34. Typical current consumption in Run and Low-power run modes, with different codes running from SRAM1
Symbol
Parameter
Conditions
Typical consumption Typical consumption Typical consumption
Clock source
Range
Code
25 °C, 1.8 V
25 °C, 3.0 V
25 °C, 3.6 V
IDD (Run)
Supply current in Run mode
fHCLK = fMSI, all peripherals
disabled
Range 1, 48 MHz
Coremark
3340
μA
70
μA/
MHz
3480
μA
73
μA/
MHz
3510
μA
73
μA/
MHz
Reduced code 3400
71
3540
74
3580
75
Dhrystone 2.1 3310
69
3450
72
3490
73
Fibonacci
3490
73
3630
76
3680
77
While(1)
2690
56
2810
59
2840
59
Range 2, 16 MHz
Coremark
1020
64
1060
66
1070
67
Reduced code 1030
64
1070
67
1080
68
Dhrystone 2.1 1010
63
1050
66
1060
66
Fibonacci
1060
66
1100
69
1110
69
While(1)
850
53
880
55
890
56
IDD (LPRun)
Supply current in Low-power
run mode
Low-power run,
2 MHz
Coremark
138
69
138
69
138
69
Reduced code
140
70
140
70
140
70
Dhrystone 2.1
140
70
140
70
140
70
Fibonacci
140
70
150
75
150
75
While(1)
110
55
110
55
120
60
Table 35. Current consumption in Sleep and Low-power sleep modes, flash memory ON, HSE clock used as system clock
Symbol
Parameter
Conditions
Typ
Max
Unit
Clock source
Range
fHCLK
25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C
IDD (Sleep)
Supply current in Run mode
fHCLK = fHSE, bypass mode,
peripherals disabled
Range 1
48 MHz
1.25
1.25
1.30
1.40
1.60
1.4
1.4
1.5
1.7
2.05
mA
32 MHz 0.885 0.900 0.910
1.00
1.20
0.975
1
1.1
1.25
1.6
24 MHz 0.695 0.710 0.755 0.835
1.00
0.765 0.795 0.89
1.05
1.4
16 MHz 0.505 0.520 0.565 0.640
0.810 0.555 0.585 0.68
0.84
1.2
Range 2
16 MHz 0.445 0.455 0.490 0.560
0.710 0.485 0.51
0.59
0.73
1.05
8 MHz
0.275 0.285 0.325 0.390
0.540 0.305 0.325 0.405 0.545
0.85
4 MHz
0.190 0.205 0.245 0.305
0.455
0.21 0.235 0.31
0.445
0.755
2 MHz
0.155 0.160 0.195 0.265
0.410 0.165 0.185 0.26
0.4
0.705
1 MHz
0.130 0.145 0.175 0.240
0.390
0.14 0.165 0.24
0.375
0.68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com