Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073CCU6 Datasheet(PDF) 20 Page - STMicroelectronics

No. de pieza STM32U073CCU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073CCU6 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32U073CCU6 Datasheet HTML 16Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 17Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 18Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 19Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 20Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 21Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 22Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 23Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 146 page
background image
3.18
Voltage reference buffer (VREFBUF)
When enabled, an embedded buffer provides the internal reference voltage to analog blocks (for example ADC)
and to VREF+ pin for external components.
The internal voltage reference buffer supports two voltages:
•
2.048 V
•
2.5 V
An external voltage reference can be provided through the VREF+ pin when the internal voltage reference buffer
is disabled.
On some packages, the VREF+ pad of the silicon die is double-bonded with supply pad to common VDD/VDDA
pin and so the internal voltage reference buffer cannot be used.
3.19
Comparators (COMP)
STM32U073x8/B/C embed two embedded rail-to-rail analog comparators with programmable reference voltage
(internal or external), hysteresis, speed (low for low-power), and output polarity.
The reference voltage can be one of the following:
•
External, from an I/O
•
Internal, from DAC
•
Internal reference voltage (VREFINT) or its submultiple (1/4, 1/2, 3/4)
The comparators can wake up the device from Stop mode, generate interrupts, breaks or triggers for the timers
and can be also combined into a window comparator.
3.20
Operational amplifier (OPAMP)
The STM32U073x8/B/C devices embed one operational amplifier with external and internal follower routing and
PGA capability.
Features of the operational amplifier:
•
Low input bias current
•
Low offset voltage
•
Low-power mode
•
Rail-to-rail input
3.21
Liquid crystal controller (LCD)
The LCD drives up to eight common terminals and 48 segment terminals to drive up to 352 pixels.
Features of the LCD:
•
Internal step-up converter to guarantee functionality and contrast control irrespective of VDD. This converter
can be deactivated, in which case the VLCD pin is used to provide the voltage to the LCD
•
Supports static, 1/2, 1/3, 1/4 and 1/8 duty
•
Supports static, 1/2, 1/3 and 1/4 bias
•
Phase inversion to reduce power consumption and EMI
•
Up to eight pixels can be programmed to blink
Unneeded segments and common pins can be used as general I/O pins
LCD RAM can be updated at any time owing to a double-buffer
The LCD controller can operate in Stop mode
3.22
Touch sensing controller (TSC)
The touch sensing controller provides a simple solution for adding capacitive sensing functionality to any
application. Capacitive sensing technology is able to detect finger presence near an electrode that is protected
from direct touch by a dielectric (such as glass or plastic). The capacitive variation introduced by the finger (or any
conductive object) is measured using a proven implementation based on a surface charge transfer acquisition
principle.
The touch sensing controller is fully supported by the STMTouch touch sensing firmware library that is free to use
and allows touch sensing functionality to be implemented reliably in the end application.
STM32U073x8/B/C
Functional overview
DS14548 - Rev 2
page 20/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com