Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073CCU6 Datasheet(PDF) 23 Page - STMicroelectronics

No. de pieza STM32U073CCU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073CCU6 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32U073CCU6 Datasheet HTML 19Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 20Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 21Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 22Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 23Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 24Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 25Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 26Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 146 page
background image
3.24.5
Independent watchdog (IWDG)
The independent watchdog is based on an 8-bit prescaler and 12-bit downcounter with user-defined refresh
window. It is clocked from an independent 32 kHz internal RC (LSI).
Independent of the main clock, it can operate in Stop and Standby modes. It can be used either as a watchdog to
reset the device when a problem occurs, or as a free-running timer for application timeout management. It is
hardware- or software-configurable through the option bytes. Its counter can be frozen in debug mode.
3.24.6
System window watchdog (WWDG)
The window watchdog is based on a 7-bit downcounter that can be set as free-running. It can be used as a
watchdog to reset the device when a problem occurs. It is clocked by the system clock. It has an early-warning
interrupt capability. Its counter can be frozen in debug mode.
3.24.7
SysTick timer
This timer is dedicated to real-time operating systems, but it can also be used as a standard down counter.
Features of SysTick timer:
•
24-bit down counter
•
Autoreload capability
•
Maskable system interrupt generation when the counter reaches 0
•
Programmable clock source
3.25
Real-time clock (RTC), tamper (TAMP) and backup registers
The device embeds an RTC and nine 32-bit backup registers, located in the RTC domain of the silicon die.
The ways of powering the RTC domain are described in Section 3.6.1: Power supply schemes.
The RTC is an independent BCD timer/counter.
Features of the RTC:
•
Calendar with subsecond, seconds, minutes, hours (12 or 24 format), week day, date, month, year, in BCD
(binary-coded decimal) format
•
Automatic correction for 28, 29 (leap year), 30, and 31 days of the month
•
Programmable alarm
•
On-the-fly correction from 1 to 32767 RTC clock pulses, usable for synchronization with a master clock
•
Reference clock detection - a more precise second-source clock (50 or 60 Hz) can be used to improve the
calendar precision
•
Digital calibration circuit with 0.95 ppm resolution, to compensate for quartz crystal inaccuracy
•
Five anti-tamper detection pins with programmable filter
•
Timestamp feature to save a calendar snapshot, triggered by an event on the timestamp pin or a tamper
event, or by switching to VBAT mode
•
17-bit auto-reload wake-up timer (WUT) for periodic events, with programmable resolution and period
•
Multiple clock sources and references:
–
A 32.768 kHz external crystal (LSE)
–
An external resonator or oscillator (LSE)
–
The internal low-power RC oscillator (LSI, with typical frequency of 32 kHz)
–
The high-speed external clock (HSE) divided by 32
When clocked by LSE, the RTC operates in VBAT mode and in all low-power modes. When clocked by LSI, the
RTC does not operate in VBAT mode, but it does in low-power modes except for the Shutdown mode.
All RTC events (alarm, wake-up timer, timestamp or tamper) can generate an interrupt and wake the device up
from the low-power modes.
The backup registers allow keeping 20 bytes of user application data in the event of VDD failure, if a valid backup
supply voltage is provided on VBAT pin. They are not affected by the system reset, power reset, and upon the
device wake-up from Standby or Shutdown modes.
3.26
Inter-integrated circuit interface (I2C)
The device embeds four I2C peripherals. Refer to Table 8 for the features.
STM32U073x8/B/C
Functional overview
DS14548 - Rev 2
page 23/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com