Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073CCU6 Datasheet(PDF) 19 Page - STMicroelectronics

No. de pieza STM32U073CCU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073CCU6 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32U073CCU6 Datasheet HTML 15Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 16Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 17Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 18Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 19Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 20Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 21Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 22Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 146 page
background image
The sensor provides good linearity but it has to be calibrated to obtain good overall accuracy of the temperature
measurement. As the offset of the temperature sensor may vary from part to part due to process variation, the
uncalibrated internal temperature sensor is suitable only for relative temperature measurements.
To improve the accuracy of the temperature sensor, each part is individually factory-calibrated by ST. The
resulting calibration data are stored in the part’s engineering bytes, accessible in read-only mode.
Table 5. Temperature sensor calibration values
Calibration value
name
Description
Memory address
TS_CAL1
TS ADC raw data acquired at a temperature of 30 °C (± 5 °C),
VDDA = VREF+ = 3.0 V (± 10 mV)
0x1FFF 6E68 - 0x1FFF 6E69
TS_CAL2
TS ADC raw data acquired at a
temperature of 130 °C (± 5 °C),
VDDA = VREF+ = 3.0 V (± 10 mV)
0x1FFF 6E8A - 0x1FFF 6E8B
3.16.2
Internal voltage reference (VREFINT)
The internal voltage reference (VREFINT) provides a stable (bandgap) voltage output for the ADC and
comparators. VREFINT is internally connected to an ADC input. The VREFINT voltage is individually precisely
measured for each part by ST during production test and stored in the part’s engineering bytes. It is accessible in
read-only mode.
Table 6. Internal voltage reference calibration values
Calibration value
name
Description
Memory address
VREFINT
Raw data acquired at a temperature of 30 °C (± 5 °C),
VDDA = VREF+ = 3.0 V (± 10 mV)
0x1FFF 6EA4 - 0x1FFF 6EA5
3.16.3
VBAT battery voltage monitoring
This embedded hardware feature allows the application to measure the VBAT battery voltage using an internal
ADC input. As the VBAT voltage may be higher than VDDA and thus outside the ADC input range, the VBAT pin is
internally connected to a bridge divider by three. As a consequence, the converted digital value is one third the
VBAT voltage.
3.17
Digital-to-analog converter (DAC)
The single-channel 12-bit buffered DAC converts a digital value into an analog voltage available on the channel
output. The architecture of either channel is based on integrated resistor string and an inverting amplifier.
Features of the DAC:
•
One DAC output channel
•
8-bit or 12-bit output mode
•
Buffer offset calibration (factory and user trimming)
•
Left or right data alignment in 12-bit mode
•
Synchronized update capability
•
Noise-wave generation
•
Triangular-wave generation
•
DMA capability
•
Triggering with timer events, synchronized with DMA
•
Triggering with external events
•
Sample-and-hold low-power mode, with internal or external capacitor
STM32U073x8/B/C
Functional overview
DS14548 - Rev 2
page 19/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com