Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073CCU6 Datasheet(PDF) 57 Page - STMicroelectronics

No. de pieza STM32U073CCU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073CCU6 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32U073CCU6 Datasheet HTML 53Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 54Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 55Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 56Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 57Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 58Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 59Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 60Page - STMicroelectronics STM32U073CCU6 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 146 page
background image
Symbol
Parameter
Conditions
Typ
Max
Unit
Clock source
Range
fHCLK
25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C
IDD (Sleep)
Supply current in Run mode
fHCLK = fHSE, bypass mode,
peripherals disabled
Range 2
400 kHz
mA
0.115 0.125 0.165 0.230
0.375
0.13
0.15 0.225
0.36
0.665
100 kHz 0.110 0.120 0.155 0.220
0.370
0.12 0.145 0.22
0.355
0.66
IDD (LPSleep)
Supply current in Low-power
run mode
-
2 MHz
0.060 0.070 0.110 0.180
0.340
TBD
TBD
TBD
TBD
TBD
1 MHz
0.035 0.045 0.085 0.155
0.315
TBD
TBD
TBD
TBD
TBD
400 kHz 0.020 0.035 0.070 0.140
0.305
TBD
TBD
TBD
TBD
TBD
100 kHz 0.015 0.025 0.065 0.135
0.295
TBD
TBD
TBD
TBD
TBD
Table 36. Current consumption in Sleep and Low-power sleep modes, flash memory ON, MSI clock used as system clock
Symbol
Parameter
Conditions
Typ
Max
Unit
Clock source
Range
fHCLK
25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C
IDD (Sleep)
Supply current in Run mode
fHCLK = fMSI, peripherals
disabled
Range 1
48 MHz
1.30
1.35
1.40
1.50
1.65
1.45
1.5
1.65
1.8
2.2
mA
32 MHz 0.915 0.940 0.95
1.10
1.25
1
1.065 1.15
1.35
1.7
24 MHz 0.715 0.740 0.800 0.870
1.05
0.785 0.835 0.94
1.1
1.47
16 MHz 0.525 0.545 0.590 0.670
0.84
0.575 0.615 0.715
0.88
1.24
Range 2
16 MHz 0.455 0.475 0.515 0.585
0.735
0.5
0.535 0.625 0.765
1.08
8 MHz
0.275 0.280 0.320 0.385
0.535 0.295 0.32
0.4
0.54
0.85
4 MHz
0.190 0.200 0.240 0.305
0.450
0.21 0.235 0.31
0.445
0.755
2 MHz
0.150 0.160 0.200 0.265
0.410 0.165 0.19 0.265
0.4
0.705
1 MHz
0.130 0.140 0.180 0.245
0.400 0.145 0.165 0.24
0.375
0.685
400 kHz 0.115 0.125 0.165 0.230
0.375 0.125 0.15 0.225
0.36
0.665
100 kHz 0.110 0.120 0.155 0.220
0.370
0.12
0.14 0.215 0.355
0.655
IDD (LPSleep)
Supply current in Low-power run
mode
-
2 MHz
0.060 0.070 0.110 0.180
0.345
TBD
TBD
TBD
TBD
TBD
1 MHz
0.040 0.050 0.090 0.160
0.315
TBD
TBD
TBD
TBD
TBD
400 kHz 0.025 0.035 0.070 0.145
0.305
TBD
TBD
TBD
TBD
TBD
100 kHz 0.015 0.025 0.065 0.135
0.295
TBD
TBD
TBD
TBD
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com