| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA326 Datasheet(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA326 Datasheet(HTML) 55 Page - STMicroelectronics |
|
55 / 64 page ![]() DocID11531 Rev 9 55/64 STA326 User programmable processing 64 40 0x28 High-pass 2nd order filter for XO = 000 C12H0 (b1/2) 0x000000 41 0x29 C12H1 (b2) 0x000000 42 0x2A C12H2 (a1/2) 0x000000 43 0x2B C12H3 (a2) 0x000000 44 0x2C C12H4 (b0/2) 0x400000 45 0x2D Low-pass 2nd order filter for XO = 000 C12L0 (b1/2) 0x000000 46 0x2E C12L1 (b2) 0x000000 47 0x2F C12L2 (a1/2) 0x000000 48 0x30 C12L3 (a2) 0x000000 49 0x31 C12L4 (b0/2) 0x400000 50 0x32 Channel 1 - Prescale C1PreS 0x7FFFFF 51 0x33 Channel 2 - Prescale C2PreS 0x7FFFFF 52 0x34 Channel 1 - Postscale C1PstS 0x7FFFFF 53 0x35 Channel 2 - Postscale C2PstS 0x7FFFFF 54 0x36 Channel 3 - Postscale C3PstS 0x7FFFFF 55 0x37 Thermal warning - Postscale TWPstS 0x5A9DF7 56 0x38 Channel 1 - Mix 1 C1MX1 0x7FFFFF 57 0x39 Channel 1 - Mix 2 C1MX2 0x000000 58 0x3A Channel 2 - Mix 1 C2MX1 0x000000 59 0x3B Channel 2 - Mix 2 C2MX2 0x7FFFFF 60 0x3C Channel 3 - Mix 1 C3MX1 0x400000 61 0x3D Channel 3 - Mix 2 C3MX2 0x400000 62 0x3E Unused - - 63 0x3F Unused - - Table 63. RAM block for biquads, mixing, and scaling (continued) Index (decimal) Index (Hex) Description Coefficient Default Obsolete Product(s) - Obsolete Product(s) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |