Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STA326 Datasheet(PDF) 62 Page - STMicroelectronics

No. de pieza STA326
Descripción Electrónicos  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 56Page - STMicroelectronics STA326 Datasheet HTML 57Page - STMicroelectronics STA326 Datasheet HTML 58Page - STMicroelectronics STA326 Datasheet HTML 59Page - STMicroelectronics STA326 Datasheet HTML 60Page - STMicroelectronics STA326 Datasheet HTML 61Page - STMicroelectronics STA326 Datasheet HTML 62Page - STMicroelectronics STA326 Datasheet HTML 63Page - STMicroelectronics STA326 Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
Package mechanical data
STA326
62/64
DocID11531 Rev 9
Table 67. PowerSO-36 EPU package mechanical data
Symbol
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.25
-
3.43
0.128
-
0.135
A2
3.10
-
3.20
0.122
-
0.126
A4
0.80
-
1.00
0.031
-
0.039
A5
-
0.20
-
-
0.008
-
a1
0.03
-
-0.04
0.001
-
-0.002
b
0.22
-
0.38
0.009
-
0.015
c
0.23
-
0.32
0.009
-
0.013
D
15.80
-
16.00
0.622
-
0.630
D1
9.40
-
9.80
0.370
-
0.386
D2
-
1.00
-
-
0.039
-
E
13.90
-
14.50
0.547
-
0.571
E1
10.90
-
11.10
0.429
-
0.437
E2
-
-
2.90
-
-
0.114
E3
5.80
-
6.20
0.228
-
0.244
E4
2.90
-
3.20
0.114
-
0.126
e
-
0.65
-
-
0.026
-
e3
-
11.05
-
-
0.435
-
G
0
-
0.08
0
-
0.003
H
15.50
-
15.90
0.610
-
0.626
h
-
-
1.10
-
-
0.043
L
0.80
-
1.10
0.031
-
0.043
M
2.25
-
2.60
0.089
-
0.102
N
-
-
10 degrees
-
-
10 degrees
R
-
0.6
-
-
0.024
-
s
-
-
8 degrees
-
-
8 degrees
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com