| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA326 Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA326 Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 64 page ![]() Register description STA326 22/64 DocID11531 Rev 9 7 Register description You must not reprogram the register bits marked “Reserved”. It is important that these bits keep their default reset values. Table 9. Register summary Address Name D7 D6 D5 D4 D3 D2 D1 D0 0x00 CONFA FDRB TWAB TWRB IR1 IR0 MCS2 MCS1 MCS0 0x01 CONFB C2IM C1IM DSCKE SAIFB SAI3 SAI2 SAI1 SAI0 0x02 CONFC Reserved CSZ4 CSZ3 CSZ2 CSZ1 CSZ0 OM1 OM0 0x03 CONFD MME ZDE DRC BQL PSL DSPB DEMP HPB 0x04 CONFE SVE ZCE Reserved PWMS AME Reserved MPC MPCV 0x05 CONFF EAPD PWDN ECLE Reserved BCLE IDE OCFG1 OCFG0 0x06 MMUTE Reserved Reserved Reserved Reserved Reserved Reserved Reserved MMUTE 0x07 MVOL MV7 MV6 MV5 MV4 MV3 MV2 MV1 MV0 0x08 C1VOL C1V7 C1V6 C1V5 C1V4 C1V3 C1V2 C1V1 C1V0 0x09 C2VOL C2V7 C2V6 C2V5 C2V4 C2V3 C2V2 C2V1 C2V0 0x0A C3VOL C3V7 C3V6 C3V5 C3V4 C3V3 C3V2 C3V1 C3V0 0x0B AUTO1 AMPS Reserved AMGC1 AMGC0 AMV1 AMV0 AMEQ1 AMEQ0 0x0C AUTO2 XO3 XO2 XO1 XO1 AMAM2 AMAM1 AMAM0 AMAME 0x0D AUTO3 Reserved Reserved Reserved PEQ4 PEQ3 PEQ2 PEQ1 PEQ0 0x0E C1CFG C1OM1 C1OM0 C1LS1 C1LS0 C1BO C1VBP C1EQBP C1TCB 0x1F C2CFG C2OM1 C2OM0 C2LS1 C2LS0 C2BO C2VBP C2EQBP C2TCB 0x10 C3CFG C3OM1 C3OM0 C3LS1 C3LS0 C3BO C3VBP Reserved Reserved 0x11 TONE TTC3 TTC2 TTC1 TTC0 BTC3 BTC2 BTC1 BTC0 0x12 L1AR L1A3 L1A2 L1A1 L1A0 L1R3 L1R2 L1R1 L1R0 0x13 L1ATRT L1AT3 L1AT2 L1AT1 L1AT0 L1RT3 L1RT2 L1RT1 L1RT0 0x14 L2AR L2A3 L2A2 L2A1 L2A0 L2R3 L2R2 L2R1 L2R0 0x15 L2ATRT L2AT3 L2AT2 L2AT1 L2AT0 L2RT3 L2RT2 L2RT1 L2RT0 0x16 CFADDR2 CFA7 CFA6 CFA5 CFA4 CFA3 CFA2 CFA1 CFA0 0x17 B1CF1 C1B23 C1B22 C1B21 C1B20 C1B19 C1B18 C1B17 C1B16 0x18 B1CF2 C1B15 C1B14 C1B13 C1B12 C1B11 C1B10 C1B9 C1B8 0x19 B1CF3 C1B7 C1B6 C1B5 C1B4 C1B3 C1B2 C1B1 C1B0 0x1A B2CF1 C2B23 C2B22 C2B21 C2B20 C2B19 C2B18 C2B17 C2B16 0x1B B2CF2 C2B15 C2B14 C2B13 C2B12 C2B11 C2B10 C2B9 C2B8 0x1C B2CF3 C2B7 C2B6 C2B5 C2B4 C2B3 C2B2 C2B1 C2B0 0x1D A1CF1 C3B23 C3B22 C3B21 C3B20 C3B19 C3B18 C3B17 C3B16 Obsolete Product(s) - Obsolete Product(s) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |