Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 143 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 139Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 140Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 141Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 142Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 143Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 144Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 145Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 146Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 185 page
background image
DS14736 Rev 1
143/185
STM32WBA6xxx
Electrical characteristics
169
01
Fmax
Maximum frequency
CL = 30 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
55
MHz
CL = 30 pF, 1.58 V ≤ VDD < 2.7 V
-
12.5
CL = 30 pF, 1.08 V ≤ VDDIO2 < 1.58 V
-
2.5
CL = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
55
CL = 10 pF, 1.58 V ≤ VDD < 2.7 V
-
12.5
CL = 30 pF, 1.08 V ≤ VDDIO2 < 1.58 V
-
2.5
tr/tf
Output rise and fall time
CL = 30 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
5.8
ns
CL = 30 pF, 1.58 V ≤ VDD < 2.7 V
-
10
CL = 30 pF, 1.08 V ≤ VDDIO2 < 1.58 V
-
18
CL = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
4.2
CL = 10 pF, 1.58 V ≤ VDD < 2.7 V
-
7.5
CL = 10 pF, 1.08 V ≤ VDDIO2 < 1.58 V
-
12
10(4)
Fmax
Maximum frequency
CL = 30 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
100
MHz
CL = 30 pF, 1.58 V ≤ VDD < 2.7 V
-
33
CL = 30 pF, 1.08 V ≤ VDDIO2 < 1.58 V
-
5
CL = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
100
CL = 10 pF, 1.58 V ≤ VDD < 2.7 V
-
40
CL = 10 pF, 1.08 V ≤ VDDIO2 < 1.58 V
-
5
tr/tf
Output rise and fall time
CL = 30 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
3.3
ns
CL = 30 pF, 1.58 V ≤ VDD < 2.7 V
-
6.0
CL = 30 pF, 1.08 V ≤ VDDIO2 < 1.58 V
-
13.3
CL = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
2.0
CL = 10 pF, 1.58 V ≤ VDD < 2.7 V
-
4.1
CL = 10 pF, 1.08 V ≤ VDDIO2 < 1.58 V
-
9.2
Fm+
Fmax
Maximum frequency
CL = 550 pF, 1.08 V ≤ VDD ≤ 3.6 V
-
1
MHz
tf
Output fall time(5)
CL = 550 pF, 1.58 V ≤ VDD ≤ 3.6 V
-
100
ns
CL = 550 pF, 1.08 V ≤ VDDIO2 < 1.58 V
-
200
CL = 100 pF, 1.58 V ≤ VDD < 3.6 V
-
50
CL = 100 pF, 1.08 V ≤ VDDIO2 < 1.58 V
-
80
1. Specified by design, not tested in production.
2. PB15 and PH3 output and input frequencies must not exceed 16 kHz, PC14 and PC15 output and input frequencies must
not exceed 250 kHz, for these I/Os OSPEED must be kept at low speed.
3. The I/O speed is configured using the OSPEED bits, Fm+ is configured in SYSCFG. Refer to the product reference manual
for the description.
4. I/O compensation system enabled.
5. The fall time is defined between 70% and 30% of the output waveform, according to the I2C specification.
Table 77. Output AC characteristics, HSLV off(1)(2) (continued)
Speed(3)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com