Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 145 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 145 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 141Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 142Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 143Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 144Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 145Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 146Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 147Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 148Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 185 page
background image
DS14736 Rev 1
145/185
STM32WBA6xxx
Electrical characteristics
169
Figure 25. Output AC characteristics definition
5.3.18
NRST pin characteristics
The NRST pin input driver uses CMOS technology. It is connected to a permanent pull-up
resistor, RPU.
Unless otherwise specified, the parameters given in Table 79 are at ambient temperature
and under the supply voltage conditions summarized in Table 30.
MS32132V4
Maximum frequency is achieved with a duty cycle at (45 - 55%) when loaded by the
specified capacitance.
T
10%
50%
90%
10%
50%
90%
r(IO)out
t
f(IO)out
t
Table 79. NRST pin characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NRST)
Input low level voltage
-
-
-
0.3 x VDD
V
VIH(NRST)
Input high level voltage
-
0.7 x VDD
--
Vhys(NRST)
Schmitt trigger voltage hysteresis
-
-
200
-
mV
RPU
Weak pull-up equivalent resistor(2) VIN = VSS
30
40
50
kΩ
tF(NRST)
Input filtered pulse
-
-
-
50
ns
tNF(NRST)
Input not-filtered pulse
1.71 V ≤ VDD ≤ 3.6 V
330
-
-
1.58 V ≤ VDD < 1.71 V
1000
-
-
1. Specified by design, not tested in production.
2. The pull-up is designed with a true resistance in series with a switchable PMOS, whose contribution to the series resistance
is minimal (~10%)
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com