Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 148 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 148 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 144Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 145Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 146Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 147Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 148Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 149Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 150Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 151Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
148/185
DS14736 Rev 1
tOFF_CAL
Offset calibration time
-
82
1/fADC
tLATR
Trigger conversion
latency
WAIT = 0, AUTOFF = 0,
DPD = 0, fADC = HCLK
4
WAIT = 0, AUTOFF = 1,
DPD = 0, fADC = HCLK/2
4
WAIT = 0, AUTOFF = 1,
DPD = 1, fADC = HCLK/4
3.75
ts
Sampling time
-
1.5
-
814.5
tCONV
Total conversion time
(including sampling time)
Resolution = N bits,
VREFPROTEN = 0
ts + N + 0.5
Resolution = N bits,
VREFPROTEN = 1,
VREFSECSMP = 0
ts + N +
0.5
-
ts + N +
1.5
Resolution = N bits,
VREFPROTEN = 1,
VREFSECSMP = 1
ts + N +
0.5
-
ts + N +
2.5
IDDA(ADC)
ADC consumption
on VDDA
fs = 2.5 Msps
-
378
-
µA
fs = 1 Msps
-
190
-
fs = 10 ksps
-
10
-
AUTOFF = 1, DPD = 0,
no conversion
-9-
AUTOFF = 1, DPD = 1,
no conversion
-0.11-
1. Specified by design, not tested in production.
2. The voltage booster on the ADC switches must be used when VDDA < 2.4 V (embedded I/O switches).
3. Depending upon the package, VREF+ is internally connected to VDDA and VREF- is internally connected to VSSA.
4. The tolerance is two LSBs.
Table 83. 12-bit ADC4 characteristics (1)(2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 84. Maximum RAIN for 12-bit ADC4(1)(2)(3)
Resolution
RAIN (Ω)
Sampling time (ns)
Sampling cycles at 35 MHz
Sampling cycles at 55 MHz
12 bits
47
276
12.5
19.5
68
288
100
306
150
336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com