Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 168 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 168 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 164Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 165Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 166Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 167Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 168Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 169Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 170Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 171Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
168/185
DS14736 Rev 1
5.3.33
JTAG/SWD interface characteristics
Unless otherwise specified, the parameters given in Table 100 and Table 101 are with the
following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at 0.5 x VDD
•
I/O compensation cell disabled
Table 100. JTAG characteristics(1)
1. Evaluated by characterization, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
3.3 V
Max
Unit
fTCK
TCK clock frequency
2.7 ≤ VDD ≤ 3.6 V
-
-
21.5
MHz
1.71 ≤ VDD < 2.7 V
-
-
16.5
tisu(TMS)
TMS input setup time
-
1.5
-
-
ns
tih(TMS)
TMS input hold time
-
6
-
-
tisu(TDI)
TDI input setup time
-
1.5
-
-
tih(TDI)
TDI input hold time
-
4
-
-
tov(TDO)
TDO output valid time
2.7 ≤ VDD ≤ 3.6 V
-
17
23
1.71 ≤ VDD < 2.7 V
-
17
29.5
toh(TDO)
TDO output hold time
-
13
-
-
Table 101. SWD characteristics(1)
1. Evaluated by characterization, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
3.3 V
Max
Unit
fSWCLK
SWCLK clock frequency
2.7 ≤ VDD ≤ 3.6 V
-
-
62.5
MHz
1.71 ≤ VDD < 2.7 V
-
-
34
tisu(SWDIO) SWDIO input setup time
-
1.5
-
-
ns
tih(SWDIO) SWDIO input hold time
-
3.5
-
-
tov(SWDIO) SWDIO output valid time
2.7 ≤ VDD ≤ 3.6 V
-
12
16
1.71 ≤ VDD < 2.7 V
-
12
29
toh(SWDIO) SWDIO output hold time
-
8.5
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com