Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 171 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 171 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 167Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 168Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 169Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 170Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 171Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 172Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 173Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 174Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 185 page
background image
DS14736 Rev 1
171/185
STM32WBA6xxx
Package information
181
6.2
UFQFPN48 package information (A0B9)
This UFQFPN is a 48-lead, 7 x 7 mm, 0.5 mm pitch, ultra thin fine pitch quad flat package.
Figure 42. UFQFPN48 – Outline
1. Drawing is not to scale.
2. All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life.
3. There is an exposed die pad on the underside of the UFQFPN48 package. It is recommended to connect
and solder this back-side pad to PCB ground.
D1
E1
EXPOSED PAD
E2
e
D2
PIN 1 idenfier
BOTTOM VIEW
L
A
A3
C
FRONT VIEW
DETAIL A
SEATING PLANE
LEADS COPLANARITY
C
ddd
SEATING PLANE
A1
A1
A
C
C
ddd
PIN 1 IDENTIFIER
LASER MAKER AREA
E
D
TOP VIEW
A0B9_UFQFPN48_ME_V4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com