Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 175 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 175 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 171Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 172Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 173Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 174Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 175Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 176Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 177Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 178Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 185 page
background image
DS14736 Rev 1
175/185
STM32WBA6xxx
Package information
181
6.4
Thin WLCSP88 package information (B0NJ)
This WLCSP is a 88-ball, 3.78 x 3.46 mm, 0.35 mm pitch, wafer level chip scale package.
Figure 46. Thin WLCSP88 - Outline
1. Drawing is not to scale.
D1
(Datum A)
1
2
3
4
5
6
7
8
9
10
11
eE
eS
SE
eD
SD
E1
A1 ball corner
A
B
C
D
E F
G
H
J
K
L
M
N
P
R
T
U
ddd
eee
M
M
CA B
8
Seating plane
A
E
B
aaa C
(4X) Detail A
(Datum A)
A1 ball corner
(Datum B)
8
Seating plane
Solder balls
Silicon
Backside coating
bbb C
A3
A2
A1
C
ccc
C
D
FRONT VIEW
TOP VIEW
(marking side)
C
BOTTOM VIEW
(balls side)
A
C
Detail A
DETAIL A
(Datum B)
Øb (88 balls)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com