Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CII6TR Datasheet(PDF) 60 Page - STMicroelectronics

No. de pieza STM32WBA63CII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CII6TR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32WBA63CII6TR Datasheet HTML 56Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 57Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 58Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 59Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 60Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 61Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 62Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 63Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 185 page
background image
Functional overview
STM32WBA6xxx
60/185
DS14736 Rev 1
detection with or without filtering, or active tamper that increases the security level by auto
checking that the tamper pins are not externally opened or shorted.
TAMP main features:
•
A tamper detection can erase the backup registers, SRAM2, ICACHE and
cryptographic peripherals.
•
32 32-bit backup registers:
–
The backup registers (TAMP_BKPxR) are implemented in the Backup domain that
remains powered-on by VDD power.
•
Up to six tamper pins for six external tamper detection events:
–
Active tamper mode: continuous comparison between tamper output and input to
protect from physical open-short attacks
–
Flexible active tamper I/O management: from three meshes (each input
associated to its own exclusive output) to five meshes (single output shared for up
to five tamper inputs)
–
Passive tampers: ultra-low-power edge or level detection with internal pull-up
hardware management
–
Configurable digital filter
•
Nine internal tamper events to protect against transient or environmental perturbation
attacks:
–
LSE monitoring
–
RTC calendar overflow
–
JTAG/SWD access if RDP different from 0
–
Monotonic counter overflow
–
Cryptographic peripherals fault (RNG, SAES, AES, PKA)
–
Independent watchdog reset when tamper flag is already set
–
Three ADC4 watchdogs
•
Each tamper can be configured in two modes:
–
Hardware mode: immediate erase of secrets on tamper detection, including
backup registers erase
–
Software mode: erase of secrets following a tamper detection launched by
software
•
Any tamper detection can generate a RTC time stamp event.
•
TrustZone support:
–
Tamper secure or nonsecure configuration.
–
Backup registers configuration in three configurable-size areas:
- a read/write secure area
- a write secure/read nonsecure area
- a read/write nonsecure area
–
Secret boot hardware key (BHK) only usable by secure SAES peripheral, stored in
backup registers, protected against read and write access
•
Tamper configuration and backup registers privilege protection
•
Monotonic counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com