Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CII6TR Datasheet(PDF) 97 Page - STMicroelectronics

No. de pieza STM32WBA63CII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CII6TR Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM32WBA63CII6TR Datasheet HTML 93Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 94Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 95Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 96Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 97Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 98Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 99Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 100Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 185 page
background image
DS14736 Rev 1
97/185
STM32WBA6xxx
Electrical characteristics
169
5.1.6
Power supply scheme
Figure 18. Power supply scheme with LDO
MSv56257V1
VDD
Backup circuitry
(LSE, RTC, TAMP and
backup registers)
(CPU, digital and
memories)
Regulator
IO
logic
IN
OUT
GPIOs
n x 100 nF
+ 10 μF
n x VDD
VCORE
VDDIO
ADC
VREF+
VREF-
VDDA
100 nF
+ 1 μF
VDDA
VCAP
(Exposed pad) VSS
4.7 μF
To all modules
2.4 GHz RADIO
100 nF
VDDRF
VDD
VSS
VSSA
VSS
VDDRFPA
VDD
470 nF
VDDHPA
100 nF
VDDA
VSSRF
IN
OUT
GPIOs
VDDIO2
100 nF
+ 1 μF
VREF+
VSSA
(1)
VREF+
(3)
VDDIO2
n x VSSRF
(2)
1. VSSA pin is not available
on all packages. When not
available, it is connected to
VSS pin.
2. VSSRF pin is not available
on all packages. When not
available, it is connected to
VSS pin.
3. VREF+ pin is not available
on all packages. When not
available, it is connected to
VDDA pin.
VDDUSB
100 nF
VDDUSB
100 nF
+ 10 μF
VDDIO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com