Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CII6TR Datasheet(PDF) 27 Page - STMicroelectronics

No. de pieza STM32WBA63CII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CII6TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32WBA63CII6TR Datasheet HTML 23Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 24Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 25Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 26Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 27Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 28Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 29Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 30Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 185 page
background image
DS14736 Rev 1
27/185
STM32WBA6xxx
Functional overview
69
The 2.4 GHz RADIO supports the following features:
•
Radio protocol:
–
Bluetooth Low Energy
–
IEEE802.15.4
–
Proprietary protocols
–
Concurrent mode
•
Bluetooth LE
–
Data rate 1 Mpbs, 2 Mbps, 500 kbps, and 125 kbps.
–
Device privacy and network privacy modes
–
Anonymous device address types
–
Advertising extension PDUs
–
Advertising channel index
–
Periodic advertising synchronous transfer
–
High duty cycle, nonconnectable advertising
–
Channel selection algorithm #2
–
Angle of arrival (AoA), angle of departure (AoD)
–
Up to 20 connections in any role in addition to advertiser and scanner roles
–
Audio connected isochronous streams
–
Audio broadcast isochronous streams
•
IEEE 802.15.4 features:
–
Beacon management
–
16-bit short and 64-bit IEEE addressing modes
–
PAN formation along with association and disassociation
–
Full handshake protocol for transfer reliability, frame validation, and
acknowledgment frame delivery
–
IEEE802.15.4 2020 MAC for nonbeaconed PANs
•
Matter
•
Thread
•
Zigbee
•
External PA support
•
Packet traffic arbitration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com