Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CII6TR Datasheet(PDF) 42 Page - STMicroelectronics

No. de pieza STM32WBA63CII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CII6TR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32WBA63CII6TR Datasheet HTML 38Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 39Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 40Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 41Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 42Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 43Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 44Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 45Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 185 page
background image
Functional overview
STM32WBA6xxx
42/185
DS14736 Rev 1
Figure 6. Clock tree
3.13.1
RCC TrustZone security
When the TrustZone security is activated by the TZEN option bit, the RCC is switched in
TrustZone security mode.
The RCC TrustZone security secures some RCC system configuration and peripheral
configuration from being read or modified by nonsecure accesses: when a peripheral is
secure, the related peripheral clock, reset, clock source selection and clock enable during
low-power modes control bits are secure.
MS56531V3
LSI1 RC ~32 kHz
/1, 128
LSE OSC
32.768 kHz or
32.000 kHz
LSCO
to IWDG
HSE OSC
32 MHz
HSE CSS
OSC_IN
OSC_OUT
HSI16 RC
16 MHz
MCO
/1 - 16
LSE CSS
PLL1
/P
/Q
/M
SYSCLK
HSI16
HSI16ker
HSE32
HSE32
pll1rclk
pll1rclk
lsesys
LSI
sysclkpre
HSE32PRE
HSI16
hclk1
APB1
PPRE1
/1,2,4,8,16
to CPU, AHB1, AHB2, flash, SRAM1, SRAM2
to CPU FCLK
/8
to CPU system timer
pclk1
pclk2
to TIM2, 3
to TIM1, 16, 17
to LPTIM2
kernel
to LPUART1
kernel
to ADC4
kernel
to RTC and TAMP
x1 or x2
to I2C4
kernel
pclk1
SYSCLK
HSI16ker
HSI16ker
HSI16ker
pclk1
LSI
lsesys
pll1pclk
SYSCLK
pclk7
lsesys
to 2.4 GHz RADIO sleep timer
hclk5
to AHB5
to APB2
to APB1
to 2.4 GHz RADIO RF
hclk1
to RNG
kernel
pll1qclk
pll1rclk
OSC32_IN
OSC32_OUT
LSI
LSE
lsesys
xN
LSI
lsesys
HSI16ker
HSE32
to UART1
kernel
HSI16ker
SYSCLK
pclk2
lsesys
to UART2
kernel
HSI16ker
SYSCLK
pclk1
lsesys
to I2C3
kernel
pclk7
SYSCLK
HSI16ker
to LPTIM1
kernel
pclk7
HSI16ker
LSI
lsesys
APB7
PPRE7
/1,2,4,8,16
pclk7
to APB7
SYSCLK
HSI16
pll1pclk
LSI
lsesys
pll1qclk
to SPI3
kernel
pclk7
HSI16ker
to SPI1
kernel
pclk2
HSI16ker
SYSCLK
pll1pclk
pll1qclk
to AHB4
APB2
PPRE2
/1,2,4,8,16
SYSCLK
LSI2 RC 500 ppm
(1)
HSE32
HSE_RF
HPRE
/1,2,4,8,16
LSI
to SAI1
kernel
pll1pclk
SYSCLK
HSI16ker
pll1qclk
I2S_CKIN
HSEPRE
/1, 2
HPRE5
/1,2,3,4,6
HDIV5
/1,2
/R
to 2.4 GHz RADIO
kernel
EN
PLLRPRE
SW, SWS
system clock
source control
ref_ck
hclk5
EN
to I2C2
kernel
pclk1
SYSCLK
HSI16ker
to I2C1
kernel
pclk1
SYSCLK
HSI16ker
to SPI2
kernel
pclk1
HSI16ker
SYSCLK
/2
pll1pclk
pll1qclk
to audio
synch kernel
to OTG_HS PHY
kernel
HSE32
pll1pclk
HSE32/2
pll1pclk/2
OTGPHYPLLCLK
to OTG_HS
kernel
to UART3
kernel
HSI16ker
SYSCLK
pclk1
lsesys
/1000
/32
HSI16
/4
x1 or x2
EN
EN
HSI16
HSI16ker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com