Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CII6TR Datasheet(PDF) 64 Page - STMicroelectronics

No. de pieza STM32WBA63CII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CII6TR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32WBA63CII6TR Datasheet HTML 60Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 61Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 62Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 63Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 64Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 65Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 66Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 67Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 185 page
background image
Functional overview
STM32WBA6xxx
64/185
DS14736 Rev 1
3.32.2
LPUART
The LPUART supports bidirectional asynchronous serial communication with minimum
power consumption. It also supports half-duplex single-wire communication and modem
operations (CTS/RTS). It allows multiprocessor communication.
Only a 32.768 kHz clock (LSE) is needed to allow LPUART communication up to
9600 baud. Therefore, even in Stop mode, the LPUART can wait for an incoming frame
while having an extremely low energy consumption. Higher-speed clock can be used to
reach higher baudrates.
The LPUART interface can be served by the DMA controller.
The LPUART main features are:
•
Full-duplex asynchronous communications
•
NRZ standard format (mark/space)
•
Programmable baud rate
•
From 300 to 9600 baud/s using a 32.768 kHz clock source
•
Higher baud rates can be achieved by using a higher frequency clock source
•
Two internal FIFOs to transmit and receive data (each FIFO can be enabled/disabled
by software and come with status flags for FIFOs states)
•
Dual-clock domain with dedicated kernel clock for peripherals independent from PCLK
•
Programmable data word length (7 or 8 or 9 bits)
•
Programmable data order with MSB-first or LSB-first shifting
•
Configurable stop bits (1 or 2 stop bits)
•
Single-wire half-duplex communications
•
Continuous communications using DMA
•
Received/transmitted bytes are buffered in reserved SRAM using centralized DMA
•
Separate enable bits for transmitter and receiver
•
Separate signal polarity control for transmission and reception
•
Swappable Tx/Rx pin configuration
•
Hardware flow control for modem and RS-485 transceiver
•
Transfer detection flags:
–
Receive buffer full
–
Transmit buffer empty
–
Busy and end of transmission flags
•
Parity control:
–
Transmits parity bit
–
Checks parity of received data byte
•
Four error detection flags:
–
Overrun error
–
Noise detection
–
Frame error
–
Parity error
•
Interrupt sources with flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com