Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CII6TR Datasheet(PDF) 112 Page - STMicroelectronics

No. de pieza STM32WBA63CII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CII6TR Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32WBA63CII6TR Datasheet HTML 108Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 109Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 110Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 111Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 112Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 113Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 114Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 115Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
112/185
DS14736 Rev 1
Figure 22. VREFINT vs. temperature
5.3.8
Supply current characteristics
The current consumption is measured as described in Section 5.1.7. It depends upon
several parameters, such as operating voltage, ambient temperature, I/O pin loading, device
software configuration, operating frequency, I/O pin switching rate, program location in
memory, and executed binary code.
IDD(VREFINTBUF)(3)
VREFINT buffer consumption from
VDD when converted by ADC
--
1.5
2.1
μA
∆VREFINT(4)
Internal reference voltage spread
over the temperature range
VDD = 3 V
-
6
11.5
mV
TCoeff(4)
Average temperature coefficient
–40 °C ≤ TJ ≤ +130 °C
-
40
125
ppm/°C
ACoeff(3)
Long term stability
1000 hours, TJ = 25 °C
-
400
1000
ppm
VDDCoeff(4)
Voltage coefficient
3.0 V ≤ VDD ≤ 3.6 V
-
500
2900
ppm/V
1. VREFINT does not take into account package and soldering effects.
2. The shortest sampling time for the application can be determined by multiple iterations.
3. Specified by design, not tested in production.
4. Evaluated by characterization, not tested in production.
Table 43. Embedded internal voltage reference (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
MSv69159V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com