Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CII6TR Datasheet(PDF) 149 Page - STMicroelectronics

No. de pieza STM32WBA63CII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CII6TR Datasheet(HTML) 149 Page - STMicroelectronics

Back Button STM32WBA63CII6TR Datasheet HTML 145Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 146Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 147Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 148Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 149Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 150Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 151Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 152Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 185 page
background image
DS14736 Rev 1
149/185
STM32WBA6xxx
Electrical characteristics
169
12 bits
(continued)
220
377
19.5
39.5
330
442
470
526
680
650
39.5
1000
840
79.5
1500
1134
2200
1643
79.5
814.5
3300
2395
814.5
4700
3342
6800
4754
10000
6840
15000
9967
22000
14068
33000
19933
N/A
10 bits
47
86
3.5
7.5
68
90
100
95
150
108
7.5
220
116
330
136
470
161
12.5
680
212
1000
276
12.5
19.5
1500
376
19.5
39.5
2200
516
79.5
3300
735
39.5
4700
1012
6800
1423
79.5
814.5
10000
2040
814.5
814.5
15000
2978
22000
4356
33000
6443
47000
8925
Table 84. Maximum RAIN for 12-bit ADC4(1)(2)(3) (continued)
Resolution
RAIN (Ω)
Sampling time (ns)
Sampling cycles at 35 MHz
Sampling cycles at 55 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com