Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CII6TR Datasheet(PDF) 167 Page - STMicroelectronics

No. de pieza STM32WBA63CII6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CII6TR Datasheet(HTML) 167 Page - STMicroelectronics

Back Button STM32WBA63CII6TR Datasheet HTML 163Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 164Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 165Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 166Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 167Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 168Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 169Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 170Page - STMicroelectronics STM32WBA63CII6TR Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 185 page
background image
DS14736 Rev 1
167/185
STM32WBA6xxx
Electrical characteristics
169
Table 98. OTG_HS DC electrical characteristics(1)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Vhssq
High-speed squelch detection threshold
-
100(2)
-
150
mV
Vhsdsc High-speed disconnect detection threshold
-
525
-
625
Vhsdif
High-speed differential detection threshold
-
100
-
-
Vhscm High-speed data signaling common mode voltage range
-
-50
-
500
Vhsoi
High-speed idle level
-
-10
-
10
Vhsoh
High-speed data signaling high
-
360
-
440
Vhsol
High-speed data signaling low
-
-10
-
10
Vhchirpj Chirp J level
-
700
-
1100
Vhchirpk Chirp K level
-
-900
-
-500
1. Evaluated by characterization. Not tested in production.
2. 50 mV test waivers from usb.org have been applied.
Table 99. OTG_HS PHY BCD electrical characteristics(1)
Symbol
Parameter
Min
Typ
Max
Unit
IDD(USBBCD)
Primary detection mode consumption
-
4.9
5.7
mA
Secondary detection mode consumption
-
4.8
RDAT_LKG
Data line leakage resistance
300(2)
--
kΩ
VDAT_LKG
Data line leakage voltage
0.0
-
3.6(2)
V
RDCP_DAT
Dedicated charging port resistance across D+/D-
-
-
200(2)
Ω
VLGC_HI
Logic high
2.0
3.6
V
VLGC_LOW
Logic low
-
-
0.8
VLGC
Logic threshold
0.8
-
2.0
VDAT_REF
Data detect voltage
0.25(2)
-0.4(2)
VDP_SRC
D+ source voltage
0.5
-
0.7
VDM_SRC
D- source voltage
0.5
-
0.7
IDM_SINK
D- sink current
25
-
175
µA
IDP_SINK
D+ sink current
25
-
175
IDP_SRC
Data contact detect current source
7.0
-
13
1. Evaluated by characterization. Not tested in production, unless otherwise specified.
2. Specified by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com