Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP30V02DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

No. de pieza AP30V02DF
Descripción Electrónicos  -20V PP-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APME [A POWER MICROELECTRONICS]
Página de inicio  
Logo APME - A POWER MICROELECTRONICS

AP30V02DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP30V02DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP30V02DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30V02DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30V02DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30V02DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30V02DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30V02DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP30V02DF
-20V P+P-Channel Enhancement Mode MOSFET
AP30V02DF RVE1.0
永源微電子科技有限公司
Description
The AP30V02DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -20V ID =-30A
RDS(ON) < 16mΩ @ VGS=4.5V(Type:12.5mΩ)
Application
Lithium battery protection
Wireless impact
Mobile phone fast charging
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP30V02DF
PDFN3*3-8L
AP30V02DF XXX YYYY
5000
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Source Voltage
±12
V
ID@TA=25
℃
Continuous Drain Current, -VGS @ -10V1
-30
A
ID@TA=70
℃
Continuous Drain Current, -VGS @ -10V1
-19
A
IDM
Pulsed Drain Current2
-90
A
PD@TA=25
℃
Total Power Dissipation4
1.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
85
℃/W
RθJC
Thermal Resistance Junction-Case1
12
℃/W


Número de pieza similar - AP30V02DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
A POWER MICROELECTRONIC...
AP30V01DF APME-AP30V01DF Datasheet
1Mb / 7P
-16V PP-Channel Enhancement Mode MOSFET
REV1.0
AP30V03DF APME-AP30V03DF Datasheet
703Kb / 7P
-30V PP-Channel Enhancement Mode MOSFET
AP30V04DF APME-AP30V04DF Datasheet
771Kb / 7P
-40V P-Channel Enhancement Mode MOSFET
REV1.0
AP30V04NF APME-AP30V04NF Datasheet
699Kb / 7P
-40V P-Channel Enhancement Mode MOSFET
REV1.0
AP30V06NF APME-AP30V06NF Datasheet
1,005Kb / 7P
-60V PP-Channel Enhancement Mode MOSFET
REV1.0
More results

Descripción similar - AP30V02DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com