Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP30V03DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

No. de pieza AP30V03DF
Descripción Electrónicos  -30V PP-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APME [A POWER MICROELECTRONICS]
Página de inicio  
Logo APME - A POWER MICROELECTRONICS

AP30V03DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP30V03DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP30V03DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30V03DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30V03DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30V03DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30V03DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30V03DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP30V03DF
-30V P+P-Channel Enhancement Mode MOSFET
AP30V03DF RVE1.0
永源微電子科技有限公司
Description
The AP30V03DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -30V ID =-30A
RDS(ON) <20mΩ @ VGS=-10V (Type:16mΩ)
Application
Lithium battery protection
Wireless impact
Mobile phone fast charging
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP30V03DF
PDFN3*3-8L
AP30V03DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, VGS @ -10V1
-35
A
ID@TC=100
℃
Continuous Drain Current, VGS @ -10V1
-22
A
IDM
Pulsed Drain Current2
-70
A
EAS
Single Pulse Avalanche Energy3
72.2
mJ
IAS
Avalanche Current
-38
A
PD@TC=25
℃
Total Power Dissipation4
34.7
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient
62.5
℃/W
RθJC
Thermal Resistance Junction-Case1
3.6
℃/W


Número de pieza similar - AP30V03DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
A POWER MICROELECTRONIC...
AP30V01DF APME-AP30V01DF Datasheet
1Mb / 7P
-16V PP-Channel Enhancement Mode MOSFET
REV1.0
AP30V02DF APME-AP30V02DF Datasheet
1Mb / 7P
-20V PP-Channel Enhancement Mode MOSFET
AP30V04DF APME-AP30V04DF Datasheet
771Kb / 7P
-40V P-Channel Enhancement Mode MOSFET
REV1.0
AP30V04NF APME-AP30V04NF Datasheet
699Kb / 7P
-40V P-Channel Enhancement Mode MOSFET
REV1.0
AP30V06NF APME-AP30V06NF Datasheet
1,005Kb / 7P
-60V PP-Channel Enhancement Mode MOSFET
REV1.0
More results

Descripción similar - AP30V03DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com