Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP30V06NF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

No. de pieza AP30V06NF
Descripción Electrónicos  -60V PP-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APME [A POWER MICROELECTRONICS]
Página de inicio  
Logo APME - A POWER MICROELECTRONICS

AP30V06NF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP30V06NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP30V06NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30V06NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30V06NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30V06NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30V06NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30V06NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP30V06NF
-60V P+P-Channel Enhancement Mode MOSFET
AP30V06NF REV1.0
永源微電子科技有限公司
Description
The AP30V06NF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -60V ID =-30A
RDS(ON) < 35mΩ @ VGS=-10V (Type:28mΩ)
Application
Lithium battery protection
Wireless impact
Mobile phone fast charging
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP30V06NF
PDFN5*6-8L
AP30V06NF XXX YYYY
5000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, -VGS @ -10V1
-30
A
ID@TC=100
℃
Continuous Drain Current, -VGS @ -10V1
-27
A
IDM
Pulsed Drain Current2
-85
A
EAS
Single Pulse Avalanche Energy3
113
mJ
IAS
Avalanche Current
47.6
A
PD@TC=25
℃
Total Power Dissipation4
52.1
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
25
℃/W
RθJC
Thermal Resistance Junction-Case1
2.4
℃/W


Número de pieza similar - AP30V06NF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
A POWER MICROELECTRONIC...
AP30V01DF APME-AP30V01DF Datasheet
1Mb / 7P
-16V PP-Channel Enhancement Mode MOSFET
REV1.0
AP30V02DF APME-AP30V02DF Datasheet
1Mb / 7P
-20V PP-Channel Enhancement Mode MOSFET
AP30V03DF APME-AP30V03DF Datasheet
703Kb / 7P
-30V PP-Channel Enhancement Mode MOSFET
AP30V04DF APME-AP30V04DF Datasheet
771Kb / 7P
-40V P-Channel Enhancement Mode MOSFET
REV1.0
AP30V04NF APME-AP30V04NF Datasheet
699Kb / 7P
-40V P-Channel Enhancement Mode MOSFET
REV1.0
More results

Descripción similar - AP30V06NF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com