| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM261...ZCZQ1 Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZQ1 Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] A11 A13 A12 A12 GPIO12 GPIO12_CFG_REG 0x5310 0030 0x0000 05D7 SPI0_CLK 0 IO On / Off / Off On / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO9 1 IO MMC0_CMD 2 IO UART3_TXD 3 O FSITX0_CLK 5 O GPMC0_A7 6 O GPIO12 7 IO ADC_EXTCH_XBAROUT1 9 O XBAROUT1 10 O SOP2 Bootstrap C10 B12 A10 B12 GPIO13 GPIO13_CFG_REG 0x5310 0034 0x0000 05D7 SPI0_D0 0 IO On / Off / Off On / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO0 1 IO MMC0_D0 2 IO UART3_CTSn 3 I FSITX0_DATA0 5 O GPMC0_A16 6 O GPIO13 7 IO ADC_EXTCH_XBAROUT2 9 O XBAROUT2 10 O SOP3 Bootstrap B11 C12 A11 B11 GPIO14 GPIO14_CFG_REG 0x5310 0038 0x0000 05F7 SPI0_D1 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO1 1 IO MMC0_D1 2 IO UART3_RTSn 3 O FSITX0_DATA1 5 O GPMC0_BE1n 6 O GPIO14 7 IO ADC_EXTCH_XBAROUT3 9 O XBAROUT3 10 O www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 23 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |