| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM261...ZCZQ1 Datasheet(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZQ1 Datasheet(HTML) 46 Page - Texas Instruments |
|
46 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] G15 J18 E14 G19 GPIO90 GPIO90_CFG_REG 0x5310 0168 0x0000 05F7 PR0_PRU0_GPIO8 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD I2C0_SDA 1 IO GPIO90 7 IO K15 N20 H15 L18 GPIO91 GPIO91_CFG_REG 0x5310 016C 0x0000 05F7 PR0_PRU0_GPIO6 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD I2C0_SCL 1 IO RMII2_REF_CLK 2 IO RGMII2_RXC 3 I MII2_RXCLK 4 I GPIO91 7 IO K16 L20 G15 J19 GPIO92 GPIO92_CFG_REG 0x5310 0170 0x0000 05F7 PR0_PRU0_GPIO4 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD UART3_RXD 1 I RGMII2_RX_CTL 3 I MII2_RXDV 4 I GPIO92 7 IO TRC_CLK 8 O ADC_EXTCH_XBAROUT5 9 O XBAROUT7 10 O K17 N17 K14 M18 GPIO93 GPIO93_CFG_REG 0x5310 0174 0x0000 05F7 PR0_PRU0_GPIO0 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO0 1 IO RMII2_RXD0 2 I RGMII2_RD0 3 I MII2_RXD0 4 I GPIO93 7 IO TRC_DATA0 8 O ADC_EXTCH_XBAROUT6 9 O XBAROUT8 10 O K18 N19 H14 L19 GPIO94 GPIO94_CFG_REG 0x5310 0178 0x0000 05F7 PR0_PRU0_GPIO1 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO1 1 IO RMII2_RXD1 2 I RGMII2_RD1 3 I MII2_RXD1 4 I GPIO94 7 IO TRC_DATA1 8 O ADC_EXTCH_XBAROUT7 9 O XBAROUT11 10 O AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 46 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |