| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM261...ZCZQ1 Datasheet(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZQ1 Datasheet(HTML) 25 Page - Texas Instruments |
|
25 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] D9 C9 C11 GPIO18 GPIO18_CFG_REG 0x5310 0048 0x0000 05F7 SPI1_D1 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD EPWM8_B 1 O MMC0_CD 2 I UART5_RXD 3 I OSPI0_RESET_OUT0 4 O PR1_PRU1_GPIO15 5 IO FSIRX0_DATA1 6 I GPIO18 7 IO GPMC0_WPn 8 O ADC_EXTCH_XBAROUT7 9 O XBAROUT4 10 O A9 A11 C10 A11 GPIO19 GPIO19_CFG_REG 0x5310 004C 0x0000 05F7 LIN1_RXD 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD OSPI0_ECC_FAIL 1 I SPI2_CS0 2 IO PR1_PRU1_GPIO6 3 IO OSPI1_ECC_FAIL 4 I UART1_RXD 5 I GPMC0_AD6 6 IO GPIO19 7 IO OSPI0_RESET_OUT1 8 O XBAROUT5 10 O EPWM6_B 11 O M15 P19 J16 N19 GPIO100 GPIO100_CFG_REG 0x5310 0190 0x0000 05F7 PR0_PRU0_GPIO12 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD RMII2_TXD1 2 O RGMII2_TD1 3 O MII2_TXD1 4 O GPIO100 7 IO H17 K20 F15 H19 GPIO101 GPIO101_CFG_REG 0x5310 0194 0x0000 05F7 PR0_PRU0_GPIO13 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD RGMII2_TD2 3 O MII2_TXD2 4 O GPIO101 7 IO H16 L19 G14 H18 GPIO102 GPIO102_CFG_REG 0x5310 0198 0x0000 05F7 PR0_PRU0_GPIO14 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD RGMII2_TD3 3 O MII2_TXD3 4 O GPIO102 7 IO www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 25 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |