| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM261...ZCZQ1 Datasheet(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZQ1 Datasheet(HTML) 27 Page - Texas Instruments |
|
27 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] F16 G19 D15 E19 GPIO108 GPIO108_CFG_REG 0x5310 01B0 0x0000 05F7 PR0_PRU1_GPIO4 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD MCAN0_TX 1 O RGMII1_RX_CTL 3 I MII1_RXDV 4 I GPIO108 7 IO TRC_DATA5 8 O F18 H20 D14 G18 GPIO109 GPIO109_CFG_REG 0x5310 01B4 0x0000 05F7 PR0_PRU1_GPIO0 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD MCAN1_RX 1 I RMII1_RXD0 2 I RGMII1_RD0 3 I MII1_RXD0 4 I GPIO109 7 IO TRC_DATA6 8 O G16 H19 D16 F18 GPIO110 GPIO110_CFG_REG 0x5310 01B8 0x0000 05F7 PR0_PRU1_GPIO1 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD MCAN1_TX 1 O RMII1_RXD1 2 I RGMII1_RD1 3 I MII1_RXD1 4 I GPIO110 7 IO TRC_DATA7 8 O E17 H17 E17 GPIO111 GPIO111_CFG_REG 0x5310 01BC 0x0000 05F7 PR0_PRU1_GPIO2 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD RGMII1_RD2 3 I MII1_RXD2 4 I GPIO111 7 IO TRC_DATA8 8 O E18 G20 F19 GPIO112 GPIO112_CFG_REG 0x5310 01C0 0x0000 05F7 PR0_PRU1_GPIO3 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD RGMII1_RD3 3 I MII1_RXD3 4 I GPIO112 7 IO TRC_DATA9 8 O C16 B20 B18 GPIO113 GPIO113_CFG_REG 0x5310 01C4 0x0000 05F7 PR0_PRU1_GPIO16 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD RGMII1_TXC 3 O MII1_TXCLK 4 I GPIO113 7 IO TRC_DATA10 8 O www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 27 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |