| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM261...ZCZQ1 Datasheet(PDF) 45 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZQ1 Datasheet(HTML) 45 Page - Texas Instruments |
|
45 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] A5 A7 GPIO84 GPIO84_CFG_REG 0x5310 0150 0x0000 05F7 MMC0_CD 0 I Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD UART0_CTSn 1 I I2C2_SDA 2 IO GPIO84 7 IO SDFM1_D3 8 I L17 R19 K15 N17 GPIO85 GPIO85_CFG_REG 0x5310 0154 0x0000 05F7 PR0_MDIO0_MDIO 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD LIN0_RXD 1 IO MCAN0_RX 2 I GPIO85 7 IO XBAROUT14 10 O L18 R20 K16 P19 GPIO86 GPIO86_CFG_REG 0x5310 0158 0x0000 05F7 PR0_MDIO0_MDC 0 O Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD LIN0_TXD 1 IO MCAN0_TX 2 O GPIO86 7 IO XBAROUT15 10 O G17 K19 F14 G17 GPIO87 GPIO87_CFG_REG 0x5310 015C 0x0000 05F7 PR0_PRU0_GPIO5 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD UART3_RTSn 1 O RMII2_RX_ER 2 I MII2_RX_ER 4 I GPIO87 7 IO TRC_CTL 8 O ADC_EXTCH_XBAROUT4 9 O XBAROUT6 10 O F17 J19 E15 GPIO88 GPIO88_CFG_REG 0x5310 0160 0x0000 05F7 PR0_PRU0_GPIO9 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO9 1 IO PR0_IEP0_EDC_SYNC_OUT1 2 O PR0_UART0_CTSn 3 I MII2_COL 4 I GPIO88 7 IO G18 J20 E16 J18 GPIO89 GPIO89_CFG_REG 0x5310 0164 0x0000 05F7 PR0_PRU0_GPIO10 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD UART3_CTSn 1 I RMII2_CRS_DV 2 I PR0_UART0_RTSn 3 O MII2_CRS 4 I GPIO89 7 IO www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 45 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |