Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F10ELEAFB Datasheet(PDF) 40 Page - Renesas Technology Corp

No. de pieza R5F10ELEAFB
Descripción Electrónicos  Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 μA/MHz, and 0.57 μA for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10ELEAFB Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R5F10ELEAFB Datasheet HTML 36Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 37Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 38Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 39Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 40Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 41Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 42Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 43Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 133 page
background image
RL78/G1A
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
Page 40 of 129
R01DS0151EJ0230 Rev.2.30
Apr 26, 2024
(2) During communication at same potential (Simplified SPI (CSI) mode) (master mode, SCKp... internal
clock output, corresponding CSI00 only)
(TA =
−40 to +85°C, 2.7 V ≤ EVDD0 ≤ VDD ≤ 3.6 V, VSS = EVSS0 = 0 V)
Notes 1. HS is condition of HS (high-speed main) mode.
2. LS is condition of LS (low-speed main) mode.
3. LV is condition of LV (low-voltage main) mode.
4. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp setup time or SIp hold time
becomes “from SCKp
↓” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
5. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The delay time to SOp output
becomes “from SCKp
↑” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
6. C is the load capacitance of the SCKp and SOp output lines.
Caution Select the normal input buffer for the SIp pin and the normal output mode for the SOp pin and
SCKp pin by using port input mode register g (PIMg) and port output mode register g (POMg).
Remarks 1. p: CSI number (p = 00), m: Unit number (m = 0), n: Channel number (n = 0),
g: PIM and POM numbers (g = 1)
2. fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00))
Parameter
Symbol
Conditions
HSNote 1
LSNote 2
LVNote 3
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCKp cycle time
tKCY1
2.7 V
≤ EVDD ≤ 3.6 V tKCY1 ≥ 2/fCLK
83.3
250
500
ns
SCKp high-/low-level width
tKH1,
tKL1
2.7 V
≤ EVDD ≤ 3.6 V
tKCY1/2
−10
tKCY1/2
−50
tKCY1/2
−50
ns
SIp setup time (to SCKp
↑)Note 4
tSIK1
2.7 V
≤ EVDD ≤ 3.6 V
33
110
110
ns
SIp hold time (from SCKp
↑)Note 4 tKSI1
2.7 V
≤ EVDD ≤ 3.6 V
10
10
10
ns
Delay time from SCKp
↓ to
SOp outputNote 5
tKSO1
C = 20 pFNote 6
10
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com