Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F10ELEAFB Datasheet(PDF) 13 Page - Renesas Technology Corp

No. de pieza R5F10ELEAFB
Descripción Electrónicos  Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 μA/MHz, and 0.57 μA for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10ELEAFB Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F10ELEAFB Datasheet HTML 9Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 10Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 11Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 12Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 13Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 14Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 15Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 16Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 133 page
background image
RL78/G1A
1. OUTLINE
Page 13 of 129
R01DS0151EJ0230 Rev.2.30
Apr 26, 2024
1.5.2 32-pin products
PORT 1
P10 to P15
PORT 2
P20 to P24
5
PORT 3
P30, P31
2
PORT 4
PORT 5
6
PORT 12
P121, P122
P40
P50, P51
2
VOLTAGE
REGULATOR
REGC
INTERRUPT
CONTROL
RAM
POWER ON RESET/
VOLTAGE
DETECTOR
POR/LVD
CONTROL
RESET CONTROL
SYSTEM
CONTROL
RESET
X1/P121
X2/EXCLK/P122
HIGH-SPEED
ON-CHIP
OSCILLATOR
ON-CHIP DEBUG
TOOL0/P40
SERIAL ARRAY
UNIT0 (4ch)
UART0
UART1
IIC00
RxD0/P11
TxD0/P12
RxD1/P03
TxD1/P02
SCL00/P10
SDA00/P11
TIMER ARRAY
UNIT (8ch)
ch2
ch3
TI03/TO03/P31
ch0
ch1
ch4
ch5
ch6
ch7
2
INTP0/P137
INTP3/P30,
INTP4/P31
INTP1/P50,
INTP2/P51
RxD2/P14
A/D CONVERTER
5
ANI0/P20 to
ANI4/P24
AVREFP/P20
AVREFM/P21
2
P120
PORT 13
P137
CSI11
SCK11/P30
SO11/P51
SI11/P50
IIC11
SCL11/P30
SDA11/P50
TI00/P02
TO00/P03
BCD
ADJUSTMENT
SCK00/P10
SO00/P12
SI00/P11
CSI00
VSS,
AVSS
TOOLRxD/P11,
TOOLTxD/P12
VDD,
AVDD
SERIAL
INTERFACE IICA0
SDAA0/P61
SCLA0/P60
2
MULTIPLIER&
DIVIDER,
MULITIPLY-
ACCUMULATOR
PORT 0
P02, P03
2
BUZZER OUTPUT
CLOCK OUTPUT
CONTROL
13
ANI16/P01, ANI17/P00, ANI18/P10,
ANI19/P120 to ANI24/P15, ANI26/P50,
ANI27/P30, ANI28/P70, ANI29/P31
SERIAL ARRAY
UNIT1 (2ch)
UART2
LINSEL
IIC20
RxD2/P14
TxD2/P13
SCL20/P15
SDA20/P14
SCK20/P15
SO20/P13
SI20/P14
CSI20
DIRECT MEMORY
ACCESS CONTROL
PORT 6
PORT 7
P70
P60 to P62
3
PCLBUZ0/P31,
PCLBUZ1/P15
2
WINDOW
WATCHDOG
TIMER
LOW-SPEED
ON-CHIP
OSCILLATOR
REAL-TIME
CLOCK
RL78
CPU
CORE
CODE FLASH MEMORY
DATA FLASH MEMORY
INTERVAL
TIMER
KEY RETURN
1(6)
KR0/P70
(KR0/P10 to KR5/P15)
(KR0/P120, KR1/P02, KR2/P03,
KR3/P22 to KR5/P24)
RxD2/P14
CRC
Remark
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O
redirection register (PIOR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com