Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F10ELEAFB Datasheet(PDF) 21 Page - Renesas Technology Corp

No. de pieza R5F10ELEAFB
Descripción Electrónicos  Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 μA/MHz, and 0.57 μA for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10ELEAFB Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F10ELEAFB Datasheet HTML 17Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 18Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 19Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 20Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 21Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 22Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 23Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 24Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 133 page
background image
RL78/G1A
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
Page 21 of 129
R01DS0151EJ0230 Rev.2.30
Apr 26, 2024
2.2 Oscillator Characteristics
2.2.1 X1, XT1 oscillator characteristics
(TA =
−40 to +85°C, 1.6 V ≤ VDD ≤ 3.6 V, VSS = 0 V)
Parameter
Resonator
Conditions
MIN.
TYP.
MAX.
Unit
X1 clock oscillation
frequency (fX)Note
Ceramic resonator/crystal resonator
2.7 V
≤ VDD ≤ 3.6 V
1.0
20.0
MHz
2.4 V
≤ VDD < 2.7 V
1.0
16.0
MHz
1.8 V
≤ VDD < 2.4 V
1.0
8.0
MHz
1.6 V
≤ VDD < 1.8 V
1.0
4.0
MHz
XT1 clock oscillation
frequency (fX)Note
Crystal resonator
32
32.768
35
kHz
Note Indicates only permissible oscillator frequency ranges. See AC Characteristics for instruction execution
time. Request evaluation by the manufacturer of the oscillator circuit mounted on a board to check the
oscillator characteristics.
Caution Since the CPU is started by the high-speed on-chip oscillator clock after a reset release, check
the X1 clock oscillation stabilization time using the oscillation stabilization time counter status
register (OSTC) by the user. Determine the oscillation stabilization time of the OSTC register
and the oscillation stabilization time select register (OSTS) after sufficiently evaluating the
oscillation stabilization time with the resonator to be used.
2.2.2 On-chip oscillator characteristics
(TA =
−40 to +85°C, 1.6 V ≤ VDD ≤ 3.6 V, VSS = 0 V)
Oscillators
Parameters
Conditions
MIN.
TYP.
MAX.
Unit
High-speed on-chip oscillator
clock frequencyNotes 1, 2
fIH
1
32
MHz
High-speed on-chip oscillator
clock frequency accuracy
−20 to +85 °C
1.8 V
≤ VDD ≤ 3.6 V
−1.0
+1.0
%
1.6 V
≤ VDD < 1.8 V
−5.0
+5.0
%
−40 to −20 °C
1.8 V
≤ VDD ≤ 3.6 V
−1.5
+1.5
%
1.6 V
≤ VDD < 1.8 V
−5.5
+5.5
%
Low-speed on-chip oscillator
clock frequency
fIL
15
kHz
Low-speed on-chip oscillator
clock frequency accuracy
−15
+15
%
Notes 1. High-speed on-chip oscillator frequency is selected by bits 0 to 3 of option byte (000C2H/010C2H) and
bits 0 to 2 of HOCODIV register.
2. This indicates the oscillator characteristics only. See AC Characteristics for instruction execution
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com