Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F10ELEAFB Datasheet(PDF) 76 Page - Renesas Technology Corp

No. de pieza R5F10ELEAFB
Descripción Electrónicos  Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 μA/MHz, and 0.57 μA for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10ELEAFB Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button R5F10ELEAFB Datasheet HTML 72Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 73Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 74Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 75Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 76Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 77Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 78Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 79Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 133 page
background image
RL78/G1A
3. ELECTRICAL SPECIFICATIONS(G: INDUSTRIAL APPLICATIONS TA =
−40 to +105°C)
Page 76 of 129
R01DS0151EJ0230 Rev.2.30
Apr 26, 2024
Absolute Maximum Ratings (TA = 25
°C) (2/2)
Parameter
Symbols
Conditions
Ratings
Unit
Output current, high
IOH1
Per pin
P00 to P06, P10 to P16, P30, P31,
P40 to P43, P50, P51, P70 to P77,
P120, P130, P140, P141
−40
mA
Total of all pins
−170 mA
P00 to P04, P40 to P43, P120,
P130, P140, P141
−70
mA
P05, P06, P10 to P16, P30, P31,
P50, P51, P70 to P77,
−100
mA
IOH2
Per pin
P20 to P27, P150 to P154
−0.1
mA
Total of all pins
−1.3
mA
Output current, low
IOL1
Per pin
P00 to P06, P10 to P16, P30, P31,
P40 to P43, P50, P51, P60 to P63,
P70 to P77, P120, P130, P140,
P141
40
mA
Total of all pins
170 mA
P00 to P04, P40 to P43, P120,
P130, P140, P141
70
mA
P05, P06, P10 to P16, P30, P31,
P50, P51, P60 to P63, P70 to P77
100
mA
IOL2
Per pin
P20 to P27, P150 to P154
0.4
mA
Total of all pins
6.4
mA
Operating ambient
temperature
TA
In normal operation mode
−40 to +105
°C
In flash memory programming mode
Storage temperature
Tstg
−65 to +150
°C
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on
the verge of suffering physical damage, and therefore the product must be used under conditions
that ensure that the absolute maximum ratings are not exceeded.
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com