Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F10ELEAFB Datasheet(PDF) 73 Page - Renesas Technology Corp

No. de pieza R5F10ELEAFB
Descripción Electrónicos  Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 μA/MHz, and 0.57 μA for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10ELEAFB Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R5F10ELEAFB Datasheet HTML 69Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 70Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 71Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 72Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 73Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 74Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 75Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 76Page - Renesas Technology Corp R5F10ELEAFB Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 133 page
background image
RL78/G1A
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
Page 73 of 129
R01DS0151EJ0230 Rev.2.30
Apr 26, 2024
2.9 Dedicated Flash Memory Programmer Communication (UART)
(TA =
−40 to +85°C, 1.8 V ≤ EVDD0 ≤ VDD ≤ 3.6 V, VSS = EVSS0 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transfer rate
During flash memory programming
115.2 k
1 M
bps
2.10 Timing Specs for Switching Flash Memory Programming Modes
(TA =
−40 to +85°C, 1.8 V ≤ EVDD0 ≤ VDD ≤ 3.6 V, VSS = EVSS0 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
How long from when an external reset
ends until the initial communication
settings are specified
tSUINIT
POR and LVD reset must end before the
external reset ends.
100
ms
How long from when the TOOL0 pin is
placed at the low level until a external
reset ends
tSU
POR and LVD reset must end before the
external reset ends.
10
μs
How long the TOOL0 pin must be kept at
the low level after an external reset ends
(except flash firmware processing time)
tHD
POR and LVD reset must end before the
external reset ends.
1
ms
RESET
TOOL0
<1>
<2>
<3>
tSUINIT
723 µs + tHD
processing time
tSU
<4>
1-byte data for setting mode
<1> The low level is input to the TOOL0 pin.
<2> The pins reset ends (POR and LVD reset must end before the external reset ends.).
<3> The TOOL0 pin is set to the high level.
<4> Setting of the flash memory programming mode by UART reception and complete
the baud rate setting.
Remark tSUINIT: The segment shows that it is necessary to finish specifying the initial communication settings within
100 ms from when the resets end.
tSU:
How long from when the TOOL0 pin is placed at the low level until a external reset ends
tHD:
How long to keep the TOOL0 pin at the low level from when the external resets end (except flash
firmware processing time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com