Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2320034. Datasheet(PDF) 3 Page - PHOENIX CONTACT

No. de pieza 2320034.
Descripción Electrónicos  DC/DC converters - QUINT-PS/24DC/24DC/ 5 - 2320034
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2320034. Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2320034. Datasheet HTML 1Page - PHOENIX CONTACT 2320034. Datasheet HTML 2Page - PHOENIX CONTACT 2320034. Datasheet HTML 3Page - PHOENIX CONTACT 2320034. Datasheet HTML 4Page - PHOENIX CONTACT 2320034. Datasheet HTML 5Page - PHOENIX CONTACT 2320034. Datasheet HTML 6Page - PHOENIX CONTACT 2320034. Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
https://www.phoenixcontact.com/gb/products/2320034
08/16/2017   Page 3 / 7
DC/DC converters - QUINT-PS/24DC/24DC/ 5 - 2320034
Technical data
Output data
Maximum power dissipation in no-load condition
2.4 W
Power loss nominal load max.
11.4 W
General
Net weight
0.7 kg
Efficiency
> 92 %
Insulation voltage input/output
1.5 kV (type test)
1 kV (routine test)
Protection class
III
Degree of protection
IP20
> 890000 h (40 °C)
Mounting position
horizontal DIN rail NS 35, EN 60715
Assembly instructions
alignable: PN ≥50 %, 5 mm horizontally, 15 mm next to active
components, 50 mm vertically
anreihbar: PN <50 %, 0 mm horizontally, 40 mm vertikaly top, 20 mm
vertikaly bottom
Connection data, input
Connection method
Pluggable screw connection
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
2.5 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
12
Stripping length
8 mm
Screw thread
M3
Connection data, output
Connection method
Pluggable screw connection
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
2.5 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
12
Stripping length
7 mm
Screw thread
M3
Connection data for signaling
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
2.5 mm²



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com