Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2320034. Datasheet(PDF) 5 Page - PHOENIX CONTACT

No. de pieza 2320034.
Descripción Electrónicos  DC/DC converters - QUINT-PS/24DC/24DC/ 5 - 2320034
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2320034. Datasheet(HTML) 5 Page - PHOENIX CONTACT

  2320034. Datasheet HTML 1Page - PHOENIX CONTACT 2320034. Datasheet HTML 2Page - PHOENIX CONTACT 2320034. Datasheet HTML 3Page - PHOENIX CONTACT 2320034. Datasheet HTML 4Page - PHOENIX CONTACT 2320034. Datasheet HTML 5Page - PHOENIX CONTACT 2320034. Datasheet HTML 6Page - PHOENIX CONTACT 2320034. Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
https://www.phoenixcontact.com/gb/products/2320034
08/16/2017   Page 5 / 7
DC/DC converters - QUINT-PS/24DC/24DC/ 5 - 2320034
Block diagram
DCOK
U >19,2V
IN
I<I
N
+
+
+
-
-
-
-
Accessories
Accessories
Assembly adapter
Assembly adapters - UTA 107/30 - 2320089
Universal DIN rail adapter
 
 
Assembly adapters - UWA 182/52 - 2938235
Universal wall adapter for securely mounting the power supply in the event of strong vibrations. The power supply is
screwed directly onto the mounting surface. The universal wall adapter is attached at the top/bottom.
 
 
Assembly adapters - QUINT-PS-ADAPTERS7/1 - 2938196
Assembly adapter for QUINT-PS... power supply on S7-300 rail
 
 
Power supply
Power supply unit - QUINT-PS/1AC/24DC/10 - 2866763
Primary-switched QUINT POWER supply for DIN rail mounting with SFB (selective fuse breaking) technology, input:
1-phase, output: 24 V DC/10 A
 
 



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com