Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2320034. Datasheet(PDF) 4 Page - PHOENIX CONTACT

No. de pieza 2320034.
Descripción Electrónicos  DC/DC converters - QUINT-PS/24DC/24DC/ 5 - 2320034
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2320034. Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2320034. Datasheet HTML 1Page - PHOENIX CONTACT 2320034. Datasheet HTML 2Page - PHOENIX CONTACT 2320034. Datasheet HTML 3Page - PHOENIX CONTACT 2320034. Datasheet HTML 4Page - PHOENIX CONTACT 2320034. Datasheet HTML 5Page - PHOENIX CONTACT 2320034. Datasheet HTML 6Page - PHOENIX CONTACT 2320034. Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
https://www.phoenixcontact.com/gb/products/2320034
08/16/2017   Page 4 / 7
DC/DC converters - QUINT-PS/24DC/24DC/ 5 - 2320034
Technical data
Connection data for signaling
Conductor cross section AWG min.
24
Conductor cross section AWG max.
12
Screw thread
M3
Standards and Regulations
Electromagnetic compatibility
Conformance with EMC Directive 2014/30/EU
Noise immunity
EN 61000-6-2:2005
Connection in acc. with standard
CUL
Standards/regulations
EN 61000-4-2
Contact discharge
4 kV (Test Level 2)
Standards/regulations
EN 61000-4-3
Frequency range
80 MHz ... 1 GHz
Test field strength
10 V/m
Frequency range
1.4 GHz ... 2 GHz
Test field strength
3 V/m
Standards/regulations
EN 61000-4-4
Comments
Criterion B
Standards/regulations
EN 61000-4-5
Signal
1 kV (Test Level 2 - asymmetrical)
Standards/regulations
EN 61000-6-3
EN 61000-4-6
Frequency range
0.15 MHz ... 80 MHz
Voltage
10 V (Test Level 3)
Standard - Electrical safety
EN 60950-1/VDE 0805 (SELV)
Standard – Electronic equipment for use in electrical power installations
and their assembly into electrical power installations
EN 50178/VDE 0160 (PELV)
Standard – Safety extra-low voltage
EN 60950-1 (SELV)
EN 60204-1 (PELV)
Standard - Safe isolation
DIN VDE 0100-410
Shipbuilding approval
DNV GL (EMC B)
UL approvals
UL/C-UL listed UL 508
UL/C-UL Recognized UL 60950-1
UL ANSI/ISA-12.12.01 Class I, Division 2, Groups A, B, C, D
(Hazardous Location)
Shock
18 ms, 30g, in each space direction (according to IEC 60068-2-27)
Vibration (operation)
< 15 Hz, amplitude ±2.5 mm (according to IEC 60068-2-6)
15 Hz ... 150 Hz, 2.3g, 90 min.
Rail applications
EN 50121-4
Drawings



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com