Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2320034. Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de pieza 2320034.
Descripción Electrónicos  DC/DC converters - QUINT-PS/24DC/24DC/ 5 - 2320034
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2320034. Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2320034. Datasheet HTML 1Page - PHOENIX CONTACT 2320034. Datasheet HTML 2Page - PHOENIX CONTACT 2320034. Datasheet HTML 3Page - PHOENIX CONTACT 2320034. Datasheet HTML 4Page - PHOENIX CONTACT 2320034. Datasheet HTML 5Page - PHOENIX CONTACT 2320034. Datasheet HTML 6Page - PHOENIX CONTACT 2320034. Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/gb/products/2320034
08/16/2017   Page 1 / 7
DC/DC converters - QUINT-PS/24DC/24DC/ 5 - 2320034
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Primary-switched QUINT DC/DC converter for DIN rail mounting with SFB (Selective Fuse Breaking)
Technology, input: 24 V DC, output: 24 V DC/5 A
Product Description
QUINT DC/DC converter with maximum functionality
DC/DC converters alter the voltage level, regenerate the voltage at the end of long cables or enable the creation of independent supply systems by
means of electrical isolation.
QUINT DC/DC converters magnetically and therefore quickly trip circuit breakers with six times the nominal current, for selective and therefore
cost-effective system protection. The high level of system availability is additionally ensured, thanks to preventive function monitoring, as it reports
critical operating states before errors occur.
Why buy this product
 Reliable starting of difficult loads, thanks to the static POWER BOOST power reserve with up to 125% nominal current permanently
 Preventive function monitoring indicates critical operating states before errors occur
 Constant voltage: output voltage regenerated even at the end of long cables
 Support conversion to various voltage levels
 Electrical isolation: for setting up independent supply systems
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356482035
Weight per Piece (excluding packing)
700.000 g
Custom tariff number
85044030
Country of origin
China
Technical data
Dimensions
Width
32 mm
Height
130 mm
Depth
125 mm


Número de pieza similar - 2320034.

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2320034 PHOENIX-2320034 Datasheet
130Kb / 11P
DC/DC converters - QUINT-PS/24DC/24DC/ 5
09/12/2020
More results

Descripción similar - 2320034.

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2905009 PHOENIX-2905009 Datasheet
79Kb / 8P
DC/DC converters - QUINT-PS/60-72DC/24DC/10
2905010 PHOENIX-2905010 Datasheet
79Kb / 8P
DC/DC converters - QUINT-PS/96-110DC/24DC/10
2320102 PHOENIX-2320102 Datasheet
102Kb / 10P
DC/DC converters - QUINT-PS/24DC/24DC/20
2320115 PHOENIX-2320115 Datasheet
99Kb / 9P
DC/DC converters - QUINT-PS/24DC/12DC/ 8
2320131 PHOENIX-2320131 Datasheet
82Kb / 7P
DC/DC converters - QUINT-PS/12DC/24DC/ 5
2320144 PHOENIX-2320144 Datasheet
84Kb / 8P
DC/DC converters - QUINT-PS/48DC/24DC/ 5
2320542 PHOENIX-2320542 Datasheet
399Kb / 21P
QUINT-PS/24DC/24DC/ 5/CO
2320034 PHOENIX-2320034 Datasheet
130Kb / 11P
DC/DC converters - QUINT-PS/24DC/24DC/ 5
09/12/2020
2320092 PHOENIX-2320092 Datasheet
140Kb / 11P
DC/DC converters - QUINT-PS/24DC/24DC/10
09/12/2020
2866378 PHOENIX-2866378 Datasheet
84Kb / 6P
DC/DC converters - QUINT-PS- 24DC/24DC/10
11/05/2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com