Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2320034. Datasheet(PDF) 2 Page - PHOENIX CONTACT

No. de pieza 2320034.
Descripción Electrónicos  DC/DC converters - QUINT-PS/24DC/24DC/ 5 - 2320034
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2320034. Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2320034. Datasheet HTML 1Page - PHOENIX CONTACT 2320034. Datasheet HTML 2Page - PHOENIX CONTACT 2320034. Datasheet HTML 3Page - PHOENIX CONTACT 2320034. Datasheet HTML 4Page - PHOENIX CONTACT 2320034. Datasheet HTML 5Page - PHOENIX CONTACT 2320034. Datasheet HTML 6Page - PHOENIX CONTACT 2320034. Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/gb/products/2320034
08/16/2017   Page 2 / 7
DC/DC converters - QUINT-PS/24DC/24DC/ 5 - 2320034
Technical data
Dimensions
Width with alternative assembly
122 mm
Height with alternative assembly
130 mm
Depth with alternative assembly
35 mm
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-25 °C ... 70 °C (> 60 °C derating, 2.5 %/K, startup at -40°C type-tested)
Ambient temperature (start-up type tested)
-40 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Max. permissible relative humidity (operation)
≤ 95 % (at 25 °C, non-condensing)
Climatic class
3K3 (in acc. with EN 60721)
Degree of pollution
2
Input data
Nominal input voltage range
24 V DC
Input voltage range
18 V DC ... 32 V DC
Current consumption
7 A (24 V, IBOOST)
Inrush surge current
< 15 A (typical)
Power failure bypass
> 10 ms (24 V DC)
Input fuse
15 A (internal (device protection))
Choice of suitable circuit breakers
10 A ... 16 A (Characteristics B, C, D, K)
Type of protection
Transient surge protection
Protective circuit/component
Varistor
Output data
Nominal output voltage
24 V DC ±1 %
Setting range of the output voltage (USet)
18 V DC ... 29.5 V DC (> 24 V DC, constant capacity restricted)
Nominal output current (IN)
5 A (-25 °C ... 60 °C)
POWER BOOST (IBoost)
6.25 A (-25°C ... 40°C permanent, UOUT = 24 V DC )
Selective Fuse Breaking (ISFB)
30 A (12 ms)
Derating
60 °C ... 70 °C (2.5%/K)
Connection in parallel
Yes, for redundancy and increased capacity
Connection in series
yes
Feedback resistance
35 V DC
Circuit breaker against surge voltage at output by invasive foreign matter < 35 V DC
Max. capacitive load
Unlimited
Active current limitation
Approximately 7.2 A
Control deviation
< 1 % (change in load, static 10 % ... 90 %)
< 2 % (change in load, dynamic 10 % ... 90 %)
< 0.1 % (change in input voltage ±10 %)
Residual ripple
< 20 mVPP
Peak switching voltages nominal load
< 10 mVPP (20 MHz)



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com