Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618 Datasheet(PDF) 452 Page - Renesas Technology Corp

No. de pieza HD6417618
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 452 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 448Page - Renesas Technology Corp HD6417618 Datasheet HTML 449Page - Renesas Technology Corp HD6417618 Datasheet HTML 450Page - Renesas Technology Corp HD6417618 Datasheet HTML 451Page - Renesas Technology Corp HD6417618 Datasheet HTML 452Page - Renesas Technology Corp HD6417618 Datasheet HTML 453Page - Renesas Technology Corp HD6417618 Datasheet HTML 454Page - Renesas Technology Corp HD6417618 Datasheet HTML 455Page - Renesas Technology Corp HD6417618 Datasheet HTML 456Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 420 of 610
REJ09B0131-0600
Table 15.6
Input/Output Control for HIF Pins
LSI
Status
Reset State by
RES Pin
Reset Canceled by
RES Pin
HIFMD
input
level
High
(Boot setting)
Low
(Non-boot
setting)
High
(After the reset
canceled by boot
setting)
Low
(After the reset canceled
by non-boot setting)
HIFEBL
input
level
Low
High
The HIFEBL pin
is a general input
port and the HIF
is not controlled
by the signal
input on this pin.
Low
High
General input port at the
initial state *
1
HIFRDY
output
control
Output
buffer:
On
(Low
output)
Output
buffer:
On
(Low
output)
General input port
Output
buffer:
Off
Output
buffer: On
(Sequence
output)
General input port at the
initial state*
2
HIFINT
output
control
Output
buffer:
Off
Output
buffer:
Off
General input port
Output
buffer:
Off
Output
buffer: On
(Sequence
output)
General input port at the
initial state*
2
HIFDREQ
output
control
Output
buffer:
Off
Output
buffer:
Off
General input port
Output
buffer:
Off
Output
buffer: On
(Sequence
output)
General input port at the
initial state*
2
HIFD 15
to HIFD0
I/O
control
I/O
buffer:
Off
I/O
buffer:
Off
General input port
I/O buffer:
Off
I/O buffer
controlled
according to
states of
HIFCS,
HIFWR,
and
HIFRD
General input port at the
initial state*
2
HIFCS
input
control
Input
buffer:
Off
Input
buffer:
Off
General input port
Input buffer:
Off
Input buffer:
On
General input port at the
initial state*
2
HIFRS
input
control
Input
buffer:
Off
Input
buffer:
Off
General input port
Input buffer:
Off
Input buffer:
On
General input port at the
initial state*
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More