Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618 Datasheet(PDF) 453 Page - Renesas Technology Corp

No. de pieza HD6417618
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 453 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 449Page - Renesas Technology Corp HD6417618 Datasheet HTML 450Page - Renesas Technology Corp HD6417618 Datasheet HTML 451Page - Renesas Technology Corp HD6417618 Datasheet HTML 452Page - Renesas Technology Corp HD6417618 Datasheet HTML 453Page - Renesas Technology Corp HD6417618 Datasheet HTML 454Page - Renesas Technology Corp HD6417618 Datasheet HTML 455Page - Renesas Technology Corp HD6417618 Datasheet HTML 456Page - Renesas Technology Corp HD6417618 Datasheet HTML 457Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 453 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 421 of 610
REJ09B0131-0600
LSI
Status
Reset State by
RES Pin
Reset Canceled by
RES Pin
HIFMD
input
level
High
(Boot setting)
Low
(Non-boot setting)
High
(After the reset
canceled by boot
setting)
Low
(After the reset canceled by
non-boot setting)
HIFEBL
input
level
Low
High
The HIFEBL pin is
a general input
port and the HIF is
not controlled by
the signal input on
this pin.
Low
High
General input port at the initial
state *
1
HIFWR
input
control
Input
buffer:
Off
Input
buffer:
Off
General input port
Input
buffer:
Off
Input
buffer:
On
General input port at the initial
state*
2
HIFRD
input
control
Input
buffer:
Off
Input
buffer:
Off
General input port
Input
buffer:
Off
Input
buffer:
On
General input port at the initial
state*
2
Notes: 1. The pin also functions as an HIFEBL pin by setting the PFC registers.
2. The pin also functions as an HIF pin by setting the PFC registers.
When the HIF pin function is selected for the HIFEBL pin and this pin by setting the PFC
registers, the input and/or output buffers are controlled according to the HIFEBL pin
state.
When the HIF pin function is not selected for the HIFEBL pin and is selected for this pin
by setting the PFC registers, the input and/or output buffers are always turned off. This
setting is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com